Electronic Components Datasheet Search
  English  ▼

X  

HMC688LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC688LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC688LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC688LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC688LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC688LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC688LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC688LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC688LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC688LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC688LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC688LP4 / 688LP4E
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 2.0 - 2.7 GHz
v01.1010
General Description
Features
Functional Diagram
Electrical Specifications,
T
A = +25° C, IF = 300 MHz, LO = 0 dBm, Vcc = Vcc1, 2, 3 = +5V, G_Bias = +2.5V*
Typical Applications
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
2.0 - 2.7
GHz
Frequency Range, LO
1.7 - 2.4
GHz
Frequency Range, IF
DC - 700
MHz
Conversion Loss
7.5
10
dB
Noise Figure (SSB)
8
dB
LO to RF Isolation
16
25
dB
LO to IF Isolation
20
27
dB
RF to IF Isolation
25
34
dB
IP3 (Input)
35
dBm
1 dB Compression (Input)
25
dBm
LO Drive Input Level (Typical)
-9 to +3
dBm
Supply Current Icc total
140
168
mA
* Unless otherwise noted all measurements performed as downconverter with low side LO & IF = 300 MHz.
The HMC688LP4(E) is Ideal for:
• Cellular/3G & LTE/WiMAX/4G
• Basestations & Repeaters
• GSM, CDMA & OFDM
• Transmitters and Receivers
The HMC688LP4(E) is a high dynamic range passive
MMIC mixer with integrated LO amplifier in a 4x4 SMT
QFN package covering 2.0 to 2.7 GHz. Excellent input
IP3 performance of +35 dBm for down conversion is
provided for 3G & 4G GSM/CDMA applications at an
LO drive of 0 dBm. With an input 1 dB compression
of +25 dBm, the RF port will accept a wide range of
input signal levels. Conversion loss is 7.5 dB typical.
The DC to 700 MHz IF frequency response will satisfy
GSM/CDMA transmit or receive frequency plans.
The HMC688LP4(E) is pin for pin compatible with the
HMC689LP4(E) which is a 2.0 - 2.7 GHz mixer with
LO amplifier optimized for high side LO applications.
High Input IP3: +35 dBm
Low Conversion Loss: 7.5 dB
Low LO Drive: 0 dBm
Optimized for Low Side LO Input
Upconversion & Downconversion Applications
24 Lead 4x4mm SMT Package: 16mm2


Similar Part No. - HMC688LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC680LP4 HITTITE-HMC680LP4 Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4 HITTITE-HMC680LP4 Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
logo
Analog Devices
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC680LP4E HITTITE-HMC680LP4E Datasheet
609Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
HMC680LP4E HITTITE-HMC680LP4E Datasheet
347Kb / 8P
BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
More results

Similar Description - HMC688LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com