Electronic Components Datasheet Search
  English  ▼

X  

HMC689LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC689LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC689LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC689LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC689LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC689LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC689LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC689LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC689LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC689LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC689LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC689LP4 / 689LP4E
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 2.0 - 2.7 GHz
v01.1010
General Description
Features
Functional Diagram
Electrical Specifications,
T
A = +25° C, IF = 300 MHz, LO = 0 dBm, Vcc = Vcc1, 2, 3 = +5V, G_Bias = +2.8V*
Typical Applications
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
2.0 - 2.7
GHz
Frequency Range, LO
2 - 3
GHz
Frequency Range, IF
DC - 800
MHz
Conversion Loss
7.5
11
dB
Noise Figure (SSB)
7.5
dB
LO to RF Isolation
26
34
dB
LO to IF Isolation
20
26
dB
RF to IF Isolation
24
30
dB
IP3 (Input)
32
dBm
1 dB Compression (Input)
23
dBm
LO Drive Input Level (Typical)
-3 to +3
dBm
Supply Current (Icc total)
152
185
mA
* Unless otherwise noted all measurements performed as downconverter with high side LO & IF = 300 MHz.
The HMC689LP4(E) is Ideal for:
• Cellular/3G & LTE/WiMAX/4G
• Basestations & Repeaters
• GSM, CDMA & OFDM
• Transmitters and Receivers
The HMC689LP4(E) is a high dynamic range passive
MMIC mixer with integrated LO amplifier in a 4x4 SMT
QFN package covering 2.0 - 2.7 GHz. Excellent input
IP3 performance of +32 dBm for down conversion is
provided for 3G & 4G GSM/CDMA applications at an
LO drive of 0 dBm. With an input 1 dB compression
of +23 dBm, the RF port will accept a wide range of
input signal levels. Conversion loss is 7.5 dB typical.
The DC to 800 MHz IF frequency response will sat-
isfy GSM/CDMA transmit or receive frequency plans.
The HMC689LP4(E) is pin for pin compatible with the
HMC688LP4(E) which is a 2.0 - 2.7 MHz mixer with
LO amplifier, amplifier is optimized for low side LO
applications.
High Input IP3: +32 dBm
Low Conversion Loss: 7.5 dB
Low LO Drive: 0 dBm
Optimized for High Side LO Input
Upconversion & Downconversion Applications
24 Lead 4x4mm SMT Package: 16mm2


Similar Part No. - HMC689LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4E HITTITE-HMC689LP4E Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results

Similar Description - HMC689LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com