Electronic Components Datasheet Search
  English  ▼

X  

HMC698LP5E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC698LP5E
Description  7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC698LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 7
Pin Number
Function
Description
Interface schematic
28
REF
Reference Input
Reference Input Complement
(These pins are AC coupled and must be DC Blocked externally.)
27
NREF
30
ND
Down Output
31
NU
Up Output
3, 6 - 8, 17,
19 - 21, 24,
26, 29, 32
N/C
No Connection. These pins may be connected to RF/DC ground.
Performance will not be affected.
Ground
Paddle
GND
Package bottom has an exposed ground paddle that must be
connected to RF/DC ground
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)
Pin Description (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com