Electronic Components Datasheet Search
  English  ▼

X  

HMC718LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC718LP4
Description  GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC718LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC718LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC718LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Power Compression @ 1300 MHz [1]
HMC718LP4 / 718LP4E
v01.1008
GaAs PHEMT MMIC HIGH IP3
LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
Power Compression @ 1300 MHz [2]
Power Compression @ 700 MHz [1]
Power Compression @ 700 MHz [2]
[1] Vdd = 5V, rbias = 3.92K [2] Vdd = 3V, rbias = 3.92K
[3] rbias = 3.92K
Gain, Power & Noise Figure
vs. Supply Voltage @ 700 MHz [3]
Gain, Power & Noise Figure
vs. Supply Voltage @ 1300 MHz [3]
-5
0
5
10
15
20
25
30
-30
-25
-20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
-5
0
5
10
15
20
25
30
-30
-25
-20
-15
-10
-5
Pout
Gain
PAE
INPUT POWER (dBm)
10
15
20
25
30
35
40
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
P1dB
Gain
NF
VOLTAGE SUPPLY (V)
10
15
20
25
30
35
40
0.6
0.7
0.8
0.9
1
1.1
1.2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
P1dB
Gain
NF
VOLTAGE SUPPLY (V)
-5
0
5
10
15
20
25
30
35
-30
-27
-24
-21
-18
-15
-12
-9
Pout
Gain
PAE
INPUT POWER (dBm)
-5
0
5
10
15
20
25
30
35
-30
-25
-20
-15
-10
-5
Pout
Gain
PAE
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com