Electronic Components Datasheet Search
  English  ▼

X  

HMC720LP3E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC720LP3E
Description  14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC720LP3E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC720LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC720LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 7
HMC720LP3E
v01.1010
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE
Evaluation PCB
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package gro-
und leads should be connected directly to the
ground plane similar to that shown. The exposed
packaged base should be connected to Vee. A
sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from
Hittite upon request. Install jumper on JP1 to short
VR to GND for normal operation.
List of Materials for Evaluation PCB 118777 [1]
Item
Description
J1 - J6
PCB Mount SMA RF Connectors
J7 - J9
DC Pin
JP1
0.1” Header with Shorting Jumper
C1, C2
100 pF, Capacitor, 0402 Pkg
C3, C4
4.7 μF Capacitor, Tantalum
R1
10 Ohm Resistor, 0603 Pkg.
U1
HMC720LP3E
High Speed Logic, Fanout Buffer
PCB [2]
118775 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25FR or Rogers 4350



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com