Electronic Components Datasheet Search
  English  ▼

X  

LL60P Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # LL60P
Description  500 mW Surface Mount LL-34 Hermetically Sealed Glass Small Signal Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

LL60P Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  LL60P Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd LL60P Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd LL60P Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Number:DB-148
Jan. 2011/ B
Page 1
S EM IC OND UC TOR
TAK CHEONG
®
500 mW Surface Mount LL-34
Hermetically Sealed Glass Small Signal
Schottky Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Value
Symbol
Parameter
LL60
LL60P
Units
VRRM
Peak Reverse Voltage
40
45
V
IF
Forward Continuous Current
30
50
mA
IFSM
Peak Forward Surge Current (t =1S)
150
500
mA
TSTG /TJ
Storage and Junction Temperature Range
-65 to +125
℃
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
LL-34 (Mini-MELF) Package (JEDEC)
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable
RoHS Compliant
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Type
Min
Typ
Max
Unit
IF=1mA
LL60
LL60P
0.32
0.24
0.5
0.5
Volts
IF=30mA
LL60
0.65
1.0
Volts
VF
Forward Voltage
IF=200mA
LL60P
0.65
1.0
Volts
IR
Reverse Leakage Current
VR=15V
LL60
LL60P
0.1
0.5
0.5
1.0
uA
VR=1V, f=1MHz
LL60
2.0
CJ
Junction Capacitance
VR=10V, f=1MHz
LL60P
6.0
pF
TRR
Reverse Recovery Time
IF=IR=1mA,
Irr=1mA,
Rc=100Ω
LL60
LL60P
1
nS
SURFACE MOUNT
LL34
Cathode
Anode
ELECTRICAL SYMBOL
Cathode Band Color : Black
DEVICE MARKING DIAGRAM


Similar Part No. - LL60P

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
LL60P WEITRON-LL60P Datasheet
185Kb / 3P
Schottky Barrier Diodes
logo
Jinan Jingheng (Group) ...
LL60P JINANJINGHENG-LL60P Datasheet
97Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
LL60P MCC-LL60P Datasheet
400Kb / 3P
Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
LL60P GXELECTRONICS-LL60P Datasheet
457Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
logo
Shenzhen Luguang Electr...
LL60P LUGUANG-LL60P Datasheet
464Kb / 2P
Schottky Barrier Diodes
More results

Similar Description - LL60P

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
LLBAT42 TAK_CHEONG-LLBAT42 Datasheet
79Kb / 3P
200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Leshan Radio Company
LL4148 LRC-LL4148 Datasheet
427Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLL4148 TAK_CHEONG-TCLL4148_11 Datasheet
431Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com