Electronic Components Datasheet Search
  English  ▼

X  

LLDB3 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # LLDB3
Description  LL-34 Hermetically Sealed Glass BI-directional Trigger Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

LLDB3 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  LLDB3 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd LLDB3 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd LLDB3 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Number: DB-144
Jan.2011 / B
Page 1
SEM IC OND UC TOR
LL-34 Hermetically Sealed
Glass BI-directional Trigger Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
@ Ta = 50℃
150
mW
ITRM
Repetitive peak on-state current
tp = 20us, F = 120Hz
2
A
Tstg
Tj
Storage temperature range
Operating junction temperature
-40 ~ 125
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
VBO = 32V
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable
RoHS Compliant
Matte Tin (Sn) Terminal Finish
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
VBO
Breakover Voltage
C = 22nF (note 2)
28
36
Volts
[VBO’-VBO]
Breakover Voltage Symmetry
C = 22nF (note 2)
3
Volts
[V]
Dynamic Breakover Voltage
VBO and VF at 10mA
5
Volts
Vo
Output Voltage
See diagram 2
(R = 20Ω)
5
Volts
IBO
Breakover Current
C = 22nF (note 2)
50
uA
TR
Rise Time
See diagram 3
2
uS
IB
Leakage Current
VR = 0.5VBO max
10
uA
IP
Peak Current
See diagram 2
0.3
A
Notes:
1. All parameters applicable to both forward and reverse directions.
2. Connected in parallel in the device
DEVICE MARKING DIAGRAM
Band Color : Green
SURFACE MOUNT
LL34


Similar Part No. - LLDB3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
SEMTECH ELECTRONICS LTD...
LLDB3 SEMTECH_ELEC-LLDB3 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Rectron Semiconductor
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
More results

Similar Description - LLDB3

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
75Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
KELDB3 TAK_CHEONG-KELDB3 Datasheet
92Kb / 3P
DO-35 Hermetically Sealed Glass BI-directional Trigger Diode
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Leshan Radio Company
LL4148 LRC-LL4148 Datasheet
427Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
SHIKUES Electronics
BAS85 SKTECHNOLGY-BAS85 Datasheet
536Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com