Electronic Components Datasheet Search
  English  ▼

X  

HMC722LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC722LP3E
Description  13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC722LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC722LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC722LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 2
Electrical Specifications, (continued)
HMC722LP3E
v00.0210
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR
GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
Parameter
Conditions
Min.
Typ.
Max
Units
Output Low Voltage
-570
mV
Output Rise / Fall Time
Differential, 20% - 80%
19 / 18
ps
Output Return Loss
Frequency <13 GHz
10
dB
Small Signal Gain
27
dB
Random Jitter Jr
rms
0.2
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [1]
2
ps, pp
Propagation Delay, td
95
ps
[1] Deterministic jitter calculated by simultaneously measuring the jitter of a 300 mV, 13 GHz, 215-1 PRBS input, and a single-ended output
[1] VR = 0.0V
[2] Frequency = 13 GHz
[3] Frequency = 10 GHz
DC Current vs. Supply Voltage [1] [2]
Output Differential
vs. Supply Voltage [1] [3]
Output Differential vs. VR [2]
Output Differential vs. Frequency [3]
55
60
65
70
75
80
85
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
400
500
600
700
800
900
1000
1100
1200
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)
800
850
900
950
1000
1050
1100
1150
1200
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
600
700
800
900
1000
1100
1200
1300
2
4
6
8
10
12
14
16
INPUT FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com