Electronic Components Datasheet Search
  English  ▼

X  

HMC735LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC735LP5
Description  MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC735LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC735LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC735LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 4
Absolute Maximum Ratings
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
197
5.00
217
5.25
237
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC735LP5 / 735LP5E
v03.0609
MMIC VCO w/ DIVIDE-BY-4
10.5 - 12.2 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1 - 3, 7 - 10,
12 - 17, 20,
22 - 28, 30 - 32
N/C
No Connection. These pins may be connected to RF/
DC ground. Performance will not be affected.
4
RFOUT/4
Divide-by-4 output. DC block required.
6
Vcc (Dig)
Supply voltage for prescaler. If prescaler is not
required, this pin may be left open to conserve
approximately 100 mA of current.
19
RFOUT
RF output (AC coupled).
21
Vcc (RF)
Supply Voltage, +5V
29
VTUNE
Control voltage and modulation input. Modulation
bandwidth dependent on drive source impedance.
See “Determining the FM Bandwidth of a Wideband
Varactor Tuned VCO” application note.
5, 11, 18,
Paddle
GND
Package bottom has an exposed metal paddle that
must be connected to RF/DC ground.
Vcc(Dig), Vcc(Amp), Vcc(RF)
+5.5 Vdc
Vtune
0 to +15V
Junction Temperature
135 °C
Continuous Pdiss (T=85 °C)
(derate 25.3 mW/C above 85 °C
1.3 W
Thermal Resistance
(junction to ground paddle)
39.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com