Electronic Components Datasheet Search
  English  ▼

X  

738LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 738LP4E
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 20.9 - 23.9 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

738LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  738LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 738LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
General Description
Features
Functional Diagram
The HMC738LP4(E) is a GaAs InGaP Heterojunction
Bipolar
Transistor
(HBT)
MMIC
VCO.
The
HMC738LP4(E) integrates a resonator, negative
resistance device, varactor diode and divide-by-16
prescaler. The VCO’s phase noise performance is
excellent over temperature, shock, and process due
to the oscillator’s monolithic structure. Power output is
+9 dBm typical from a 5V supply voltage. The voltage
controlled oscillator is packaged in a low cost leadless
QFN 4x4 mm surface mount package
Pout: +9 dBm
Phase Noise: -95 dBc/Hz @ 100 kHz Typ.
No External Resonator Needed
24 Lead 4x4mm SMT Package: 16mm²
Typical Applications
The HMC738LP4(E) is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios / LMDS
• VSAT
Electrical Specifications, T
A = +25° C, Vcc (RF), Vcc (DIG) = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
20.9 - 23.9
GHz
Power Output
RF OUT
RF OUT/2
RF OUT/16
3
-3.5
-7
15
+3.5
-1
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-95
dBc/Hz
Tune Voltage
Vtune
1
13
V
Supply Current
Icc (RF), Icc (DIG)
160
200
220
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
3
dB
Harmonics/Subharmonics
1/2
3/2
-23
-40
dBc
dBc
Pulling (into a 2.0:1 VSWR)
22
MHz pp
Pushing @ Vtune= 5V
-90
MHz/V
Frequency Drift Rate
3.5
MHz/°C
HMC738LP4 / 738LP4E
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-16, 20.9 - 23.9 GHz
v02.0309


Similar Part No. - 738LP4E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
738 ETC2-738 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Adafruit Industries
738 ADAFRUIT-738 Datasheet
1Mb / 3P
12mm Diffused Flat Digital RGB LED Pixels (Strand of 25) - WS2801
logo
Keystone Electronics Co...
738 KEYSTONE-738 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
738 KEYSTONE-738 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Oscilent Corporation
738-455-AW OSCILENT-738-455-AW Datasheet
139Kb / 2P
455 KHz 6 Element
More results

Similar Description - 738LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC632LP5 HITTITE-HMC632LP5 Datasheet
393Kb / 9P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 14.25 - 15.65 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC739LP4 HITTITE-HMC739LP4 Datasheet
511Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 23.8 - 26.8 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com