Electronic Components Datasheet Search
  English  ▼

X  

HMC770LP4BE_1007 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC770LP4BE_1007
Description  GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC770LP4BE_1007 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC770LP4BE_1007 Datasheet HTML 1Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 2Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 3Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 4Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 5Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 6Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 7Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 8Page - Hittite Microwave Corporation HMC770LP4BE_1007 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
HMC770LP4BE
v01.0310
GaAs pHEMT 50 / 75 Ohm
DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
Return Loss vs. Rbias
50 Ohm Data
Isolation vs. Rbias
Noise Figure vs. Temperature [1]
Noise Figure vs. Temperature for Low
Frequencies [1][2]
Noise Figure vs. Vdd for Low Frequencies [1][2]
Noise Figure vs. Vdd [1]
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
Rbias = 1.5k Ohms
Rbias = 600 Ohms
Rbias = 200 Ohms
FREQUENCY (GHz)
S11
S22
-30
-25
-20
-15
-10
-5
0
0
0.2
0.4
0.6
0.8
1
Rbias = 1.5k Ohms
Rbias = 600 Ohms
Rbias = 200 Ohms
FREQUENCY (GHz)
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
0
25
50
75
100
125
150
175
200
+25C
+85C
-40C
FREQUENCY (MHz)
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
4.5V
5.0V
5.5V
FREQUENCY (GHz)
0
2
4
6
8
0
25
50
75
100
125
150
175
200
4.5V
5.0V
5.5V
FREQUENCY (MHz)
[1] rbias=r1=200 ohms. see application circuit.
[2] see application circuit for the tune for low frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com