Electronic Components Datasheet Search
  English  ▼

X  

HMC794LP3E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC794LP3E
Description  2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC794LP3E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC794LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC794LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 9
HMC794LP3E
v00.0709
2 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
Evaluation PCB
List of Materials for Evaluation PCB 124842 [1]
item
Description
J3
Dc connectors
J7, J8
sMA-F Johnson connector
c1, c2, c4, c6,
c10, c11 c12, c18
1 nF capacitor, 0402 Pkg.
c3, c9, c14, c30,
c31, c33, c34, c36
0.1 µF capacitor, 0402 Pkg.
c5
10 µF capacitor, 1206 Pkg.
c7
10,000 pF capacitor, 0402 Pkg.
c8
10 pF capacitor, 0402 Pkg.
c15, c35, c37,
c68, c69, c72, c74
4.7 µF capacitor, 0805 Pkg.
c32
1 µF capacitor, 0603 Pkg.
r1, r7
100 ohm, resistor, 0402 Pkg.
r2 - r6, r9
100 kohm, resistor, 0402 Pkg.
r8, L2
0 ohm, resistor, 0402 Pkg.
r47
27 k ohm, resistor, 0402 Pkg.
r48
15 k ohm, resistor, 0402 Pkg.
the circuit board used in the application should use
rF circuit design techniques. signal lines should have
50 ohm impedance while the package ground leads
and backside ground paddle should be connected
directly to the ground plane similar to that shown. A
sufficient number of via holes should be used to con-
nect the top and bottom ground planes. the evalua-
tion circuit board shown is available from Hittite upon
request.
item
Description
t6, t7
4:1 rF transformer, MABAct0065
tP1, tP3, tP4
Pc compact sMt
FB1, FB2
Murata BLM21AG02sniD
u1
HMc794LP3e Programmable Divider
u9
Hittite ultra Low noise quad regulator
PcB [2]
124709 eval Board
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board Material: rogers 4350 or Arlon 25Fr



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com