Electronic Components Datasheet Search
  English  ▼

X  

HMC820LP6CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC820LP6CE
Description  FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO 1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC820LP6CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC820LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
General Description
The HMC820LP6CE is a fully functioned Fractional-N Phase-Locked-Loop (PLL) Frequency Synthesizer with an
Integrated Voltage Controlled Oscillator (VCO). The synthesizer consists of an integrated low noise VCO with a tri-
band output, an autocalibration subsystem for low voltage VCO tuning, a very low noise digital Phase Detector (PD),
a precision controlled charge pump, a low noise reference path divider and a fractional divider.
The fractional synthesizer features an advanced delta-sigma modulator design that allows both ultra-fine step sizes
and low spurious products. The phase detector (PD) features cycle slip prevention (CSP) technology to allow faster
frequency hopping times. Ultra low in-close phase noise and low spurious also allows wider loop bandwidths for faster
frequency hopping and low micro-phonics.
For theory of operation and register map refer to the “PLLs w/ Integrated VCOs - RF VCOs Operating Guide”. To
view the Operating Guide, please visit www.hittite.com and choose HMC820LP6CE from the “Search by Part
Number” pull down menu.
HMC820LP6CE
v05.1010
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
Parameter
Condition
Min.
Typ.
Max.
Units
RF Output Characteristics
VCO Frequency at PLL Input
4380
5100
MHz
RF Output Frequency at fVCO/2
1095
1275
MHz
RF Output Frequency at fVCO
2190
2550
MHz
RF Output Frequency at 2fVCO
4380
5100
MHz
RF Output Power at fVCO/2
7.5
10
12.5
dBm
RF Output Power at fVCO
3
6.5
10
dBm
RF Output Power at 2fVCO
-9
-4
1
dBm
VCO Tuning Sensitivity
Measured at fo, 2V
12
16
24
MHz/V
VCO Supply Pushing
Measured at fo, 2V
-2
1.5
MHz/V
RF Output fo/2 Harmonic
Doubler Mode
-22
-18
dBc
RF Output 3fo/2 Harmonic
Doubler Mode
-50
-41
dBc
RF Output 2nd Harmonic
fo/2/fo/2fo
-25 / -30 / -42 -20 / -19 / -36
dBc
RF Output 5fo/2 Harmonic
Doubler Mode
-60
-56
dBc
RF Output 3rd Harmonic
fo/2/fo/2fo
-27 / -40 / -60 -24 / -30 / -51
dBc
RF Output 7fo/2 Harmonic
Doubler Mode
-65
-61
dBc
RF Output 4th Harmonic
fo/2/fo/2fo
-30 / -50 / -68 -25 / -42 / -62
dBc
RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically max
524,283
REF Input Characteristics
Max Ref Input Frequency
Synthesizer phase noise can
degrade by about 5 dB when
operating with a reference
frequency near the low end of
this range.
10
50
200
MHz
Ref Input Range
AC Coupled
1
2
3.3
Vp-p
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
Electrical Specifications, T
A = +25° C
VPPCP, VDDCP, VCC1, VCC2 = 5V ±4%; RVDD, AVDD, DVDD3V, VCCPD, VCCHF, VCCPS =
3.3V ±6% GNDCP = GNDLS = Ground Paddle = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com