Electronic Components Datasheet Search
  English  ▼

X  

HMC902 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC902
Description  GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC902 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC902 Datasheet HTML 1Page - Hittite Microwave Corporation HMC902 Datasheet HTML 2Page - Hittite Microwave Corporation HMC902 Datasheet HTML 3Page - Hittite Microwave Corporation HMC902 Datasheet HTML 4Page - Hittite Microwave Corporation HMC902 Datasheet HTML 5Page - Hittite Microwave Corporation HMC902 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 5 - 10 GHz
v01.0911
General Description
Features
Functional Diagram
Noise figure: 1.6 dB
Gain: 20 dB
p1dB output power: 16 dBm
supply Voltage: +3.5 V @ 80 mA
output ip3: 28 dBm
50 ohm matched input/output
Die size: 1.33 x 1.04 x 0.1 mm
Electrical Specifications
, T
A = +25° C, Vdd1 = Vdd2 = +3.5V, Idd = 80 mA
[1]
Typical Applications
This HmC902 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military & Space
• Test Instrumentation
• ISM, UNII & WCS
The HMC902 is a GaAs MMIC Low Noise Amplifier,
which operates between 5 and 10 GHz. This self-
biased LNA provides 20 dB of small signal gain,
1.6 dB noise figure, and output IP3 of +28 dBm,
while requiring only 80 mA from a +3.5V supply.
The p1dB output power of 16 dBm enables the lNA
to function as a LO driver for balanced, I/Q or image
reject mixers. The HmC902 also features i/os that are
matched to 50 ohms for ease of integration into multi-
chip-modules (mCms). All data is taken with the chip in
a 50 ohm test fixture connected via two 0.025 mm (1
mil) diameter wire bonds of 0.31 mm (12 mils) length.
HMC902
parameter
min.
Typ.
max.
Units
frequency range
5 - 10
GHz
Gain
17
20
dB
Gain Variation over Temperature
0.012
dB / °C
Noise figure
1.6
2.1
dB
input return loss
12
dB
output return loss
15
dB
output power for 1 dB Compression
16
dBm
saturated output power (psat)
17.5
dBm
output Third order intercept (ip3)
28
dBm
supply Current (idd)
80
mA
[1] Vgg1 = Vgg2 = no connection, for normal, self-biased operation.


Similar Part No. - HMC902

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC902 AD-HMC902 Datasheet
276Kb / 13P
Low Noise Amplifier
Jan-2018
HMC902-SX AD-HMC902-SX Datasheet
276Kb / 13P
Low Noise Amplifier
Jan-2018
logo
Hittite Microwave Corpo...
HMC902LP3E HITTITE-HMC902LP3E Datasheet
1,007Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
logo
Analog Devices
HMC902LP3E AD-HMC902LP3E Datasheet
410Kb / 13P
Low Noise Amplifier
Feb-2018
HMC902LP3ETR AD-HMC902LP3ETR Datasheet
410Kb / 13P
Low Noise Amplifier
Feb-2018
More results

Similar Description - HMC902

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC902LP3E HITTITE-HMC902LP3E Datasheet
1,007Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com