Electronic Components Datasheet Search
  English  ▼

X  

HMC950 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC950
Description  GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC950 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC950 Datasheet HTML 1Page - Hittite Microwave Corporation HMC950 Datasheet HTML 2Page - Hittite Microwave Corporation HMC950 Datasheet HTML 3Page - Hittite Microwave Corporation HMC950 Datasheet HTML 4Page - Hittite Microwave Corporation HMC950 Datasheet HTML 5Page - Hittite Microwave Corporation HMC950 Datasheet HTML 6Page - Hittite Microwave Corporation HMC950 Datasheet HTML 7Page - Hittite Microwave Corporation HMC950 Datasheet HTML 8Page - Hittite Microwave Corporation HMC950 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3
3 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC950
v03.0611
General Description
Features
Functional Diagram
The hmC950 is a four stage GaAs phemT mmiC
4 watt power Amplifier which operates between 12
and 16 Ghz. The hmC950 provides 28 dB of gain,
+37 dBm of saturated output power, and 23% pAe
from a +7V power supply. The hmC950 exhibits
excellent linearity and is optimized for high capacity
point to point and point to multi-point radio systems.
it is also ideal for 13.75 to 14.5 Ghz Ku Band VsAT
transmitters as well as sATCom applications. The
amplifier configuration and high gain make it an
excellent candidate for last stage signal amplification
before the antenna. All data is taken with the chip in a
50 ohm test fixture connected via (2) 0.025 mm (1 mil)
diameter wire bonds of 0.31 mm (12 mil) length.
saturated output power: +37 dBm @ 23% pAe
high output ip3: +44.5 dBm
high Gain: 28 dB
DC supply: +7V @ 2400 mA
no external matching required
Die size: 3.23 x 3.45 x 0.1 mm
Electrical Specifications, T
A = +25° C
Vdd = Vdd1, Vdd2, Vdd3, Vdd4, Vdd5, Vdd6, Vdd7, Vdd8 = +7V, Idd = 2400 mA [1]
Typical Applications
The hmC950 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT & SATCOM
• Military & Space
parameter
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
12 - 13
13 - 16
Ghz
Gain
26
28
26
28
dB
Gain Variation over Temperature
0.056
0.056
dB/ °C
input return loss
17
16
dB
output return loss
17
17
dB
output power for 1 dB Compression (p1dB)
34.5
36.5
34.5
36.5
dBm
saturated output power (psat)
37
37
dBm
output Third order intercept (ip3)[2]
43
44.5
dBm
Total supply Current (idd)
2400
2400
mA
[1] Adjust Vgg between -2 to 0V to achieve idd = 2400 mA typical.
[2] measurement taken at +7V @ 2400 mA, pout / Tone = +24 dBm
GaAs pHEMT MMIC 4 WATT
POWER AMPLIFIER, 12 - 16 GHz


Similar Part No. - HMC950

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
More results

Similar Description - HMC950

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757 HITTITE-HMC757 Datasheet
276Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC995LP5GE HITTITE-HMC995LP5GE Datasheet
905Kb / 10P
GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12 - 16 GHz
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC949 HITTITE-HMC949_11 Datasheet
980Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com