Electronic Components Datasheet Search
  English  ▼

X  

VAR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VAR
Description  Ultra High Precision, Z-Foil Audio Resistor Minimizes Noise and Distortion in the Signal Path
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VAR Datasheet(HTML) 1 Page - Vishay Siliconix

  VAR Datasheet HTML 1Page - Vishay Siliconix VAR Datasheet HTML 2Page - Vishay Siliconix VAR Datasheet HTML 3Page - Vishay Siliconix VAR Datasheet HTML 4Page - Vishay Siliconix VAR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra High Precision, Z-Foil Audio Resistor Minimizes Noise and
Distortion in the Signal Path with TCR of ± 0.05 ppm/°C, Tolerance
to ± 0.005 % and High Linearity or Low Voltage Coefficient of
Resistance (VCR) of 0.1 ppm/V
VAR
Vishay Foil Resistors
Document Number: 63140
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 22-Nov-10
1
INTRODUCTION
Many manufacturers and users of precision electronic
equipment suffer needlessly from unexplained instabilities
and drifts due to noise effects. They resign themselves to
making constant adjustments and troubleshooting. But in
fact these can be avoided. Instability is often traceable to a
few supposedly “fixed” resistors which are not really fixed at
all. If these resistors would only retain their original values,
there would be no need for costly controls and other
compensating circuitry. That’s why the only resistor for
applications such as these is Vishay Bulk Metal® Foil. In
high-end audio equipment, careful selection of resistors is
one of the best ways to avoid or minimize noise and
distortion in the signal path. Noise is an unwanted wide
spectrum signal that may be superimposed on any useful
signal, including DC. Resistors, like other passive
components, are noise sources to various degrees,
depending upon resistance value, temperature, applied
voltage, and resistor type. Many experiments have been
done to show why some resistors are “noisier” than others.
But the only test that audio experts and audiophiles have
agreed on is comparing the level of fidelity that results when
different resistor technologies are used in actual audio
systems.
High-end analog audio applications require low intrinsic
noise, high linearity of amplification, and minimal dynamic
distortion. The typical audio amplifier consists of a voltage
preamplifier (preamp) and power amplifier (final driver). The
voltage preamplifier deals with low-level signals. That is why
its intrinsic noise level is critical. Resistors are among the
principal noise sources in the amplifiers. The main
requirements for the audio power amplifier are high linearity
of amplification and minimal dynamic distortion. Vishay Foil
resistors are characterized by very low intrinsic non-linearity
of the resistive element, which is made from cold-rolled bulk
metal.
The VAR, composed of Vishay’s Bulk Metal® Z-foil
technology, with improved sound quality, provides a
combination of low noise and low inductance/capacitance,
making it unrivalled for applications requiring low noise and
distortion-free properties.
FEATURES
• Temperature coefficient of resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C,+ 25 °C
ref.) ± 0.2 ppm/°C typical (0 °C to + 125 °C,
+ 25 °C ref.)
• Rated power: to 0.4 W at + 70 °C
• Resistance tolerance: to ± 0.01 % (0.005% is available)
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
power
• Resistance range: 10 Ω to 100 kΩ
• "Naked Z-foil resistor" design without molding or
encapsulation adds an additional dimension for reducing
signal distortion and increasing clarity in signal processing.
• Vishay Foil resistors are not restricted to standard values;
specific "as-required" values can be supplied at no extra
cost or delivery (e.g. 1K2345 vs 1K)
• Electrostatic discharge (ESD) at least to 25 000 V
• Non-inductive, non-capacitive design
• Rise time: 1 ns, effectively no ringing
• Current noise: 0.010 µV (RMS)/Volt of Applied Voltage
(< - 40 dB)
• Thermal EMF: 0.05 µV/°C
• Voltage coefficient: < 0.1 ppm/V
• Thermal stabilization time < 1 s (nominal value achieved
within 10 ppm of steady state value)
• Inductance: < 0.08 µH typical
• The Z-Foil chip in the VAR has been especially treated to
increase load life stability.
• Terminal Finish: lead (Pb)-free or tin/lead alloy(1)
• Prototype quantities available in just 5 working days or
sooner. For more information, please contact
foil@vishaypg.com
For better performances please contact us.


Similar Part No. - VAR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VAR VISHAY-VAR Datasheet
115Kb / 4P
Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
12-Feb-08
logo
TDK Electronics
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
Ring Varistors
VAR-18030053M3P-AK TDK-VAR-18030053M3P-AK Datasheet
222Kb / 2P
Ring Varistors
VAR-18030053M3P-K TDK-VAR-18030053M3P-K Datasheet
222Kb / 2P
Ring Varistors
VAR-18042032Y3P-K TDK-VAR-18042032Y3P-K Datasheet
222Kb / 2P
Ring Varistors
More results

Similar Description - VAR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP203 VISHAY-VHP203 Datasheet
121Kb / 5P
Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
06-May-08
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
22-May-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
Ultra High Precision Z-Foil Molded Surface Mount Resistor
30-Jul-07
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
28-Feb-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
VAR VISHAY-VAR Datasheet
115Kb / 4P
Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
12-Feb-08
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
26-Mar-10
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
7-Apr-11
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
7-Apr-11
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
25-Mar-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com