Electronic Components Datasheet Search
  English  ▼

X  

GS4915 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS4915
Description  ClockCleaner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4915 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS4915 Datasheet HTML 7Page - Gennum Corporation GS4915 Datasheet HTML 8Page - Gennum Corporation GS4915 Datasheet HTML 9Page - Gennum Corporation GS4915 Datasheet HTML 10Page - Gennum Corporation GS4915 Datasheet HTML 11Page - Gennum Corporation GS4915 Datasheet HTML 12Page - Gennum Corporation GS4915 Datasheet HTML 13Page - Gennum Corporation GS4915 Datasheet HTML 14Page - Gennum Corporation GS4915 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
GS4915 ClockCleaner™
Data Sheet
39145 - 5
June 2009
11 of 27
Output Jitter
Differential Output
–
100kHz to 10MHz
–
20
–
ps
–
–
Unfiltered
–
40
–
ps
–
Output Jitter
Single-ended Output
–
100kHz to 10MHz
–
60
–
ps
–
–
Unfiltered
–
100
–
ps
–
Output Duty Cycle
–
Differential output
45
–
55
%
–
Single-ended
output
40
–
60
%
–
Differential Clock Output Rise / Fall Time
–
100
Ω diff. load
–
500
–
ps
–
Single-ended Clock Output Rise / Fall
Time
–
10 pF load
–
1200
–
ps
–
Input Clock Frequency
–
–
12
–
165
MHz
–
Output Clock Frequency
–
–
12
–
165
MHz
–
Lock Detect Time
tLOCKD
Within 300ppm of
reference
frequency
–
–
500
us
–
Unlock Detect Time
tUNLOCKD
Within 700ppm of
reference
frequency
–
–
500
us
–
Lock Time
tLOCK
––
–
1
s
2
Device Latency
–
Differential in,
Differential out,
SKEW_EN = LOW
–1.2
–
ns
–
Differential in,
Differential out,
SKEW_EN = HIGH
–
1.2 -
Tout/4
–ns
–
Single ended in,
single ended out,
SKEW_EN = LOW
–3.5
–
ns
–
Single ended in,
single ended out,
SKEW_EN = HIGH
–
3.5 -
Tout/4
–ns
–
Device Latency Difference
–
–
–
750
–
ps
3
NOTES:
1. One UI refers to one cycle of the input CLK.
2. Assuming power up has already occurred.
3. Difference between cleaning and bypass modes.
Table 2-2: AC Electrical Characteristics (Continued)
VDD = 1.8V ±5%, TA = 0ºC to 70ºC, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com