Electronic Components Datasheet Search
  English  ▼

X  

GS7025 Datasheet(PDF) 15 Page - Gennum Corporation

Part # GS7025
Description  PRO-LINX Serial Digital Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025 Datasheet(HTML) 15 Page - Gennum Corporation

Back Button GS7025 Datasheet HTML 11Page - Gennum Corporation GS7025 Datasheet HTML 12Page - Gennum Corporation GS7025 Datasheet HTML 13Page - Gennum Corporation GS7025 Datasheet HTML 14Page - Gennum Corporation GS7025 Datasheet HTML 15Page - Gennum Corporation GS7025 Datasheet HTML 16Page - Gennum Corporation GS7025 Datasheet HTML 17Page - Gennum Corporation GS7025 Datasheet HTML 18Page - Gennum Corporation GS7025 Datasheet HTML 19Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
15 of 23
3.2.2 Frequency Acquisition
The core PLL is able to lock if the incoming data rate and the PLL clock frequency are
within the PLL capture range (which is slightly larger than the loop bandwidth). To assist
the PLL to lock, the GS7025 uses a frequency acquisition circuit.
The frequency acquisition circuit sweeps the VCO control voltage so that the VCO
frequency changes from -10% to +10% of the centre frequency. Figure 3-4 shows a
typical sweep waveform.
Figure 3-4: Typical Sweep Waveform
The VCO frequency starts at point A and sweeps up attempting to lock. If lock is not
established during the up sweep, the VCO is then swept down. The probability of
locking within one cycle period is greater than 0.999. If the system does not lock within
one cycle period, it attempts to lock in the subsequent cycle.
The average sweep time, (tswp) is determined by the loop filter component (CLF1) and
the charge pump current (ICP):
The nominal sweep time is approximately 121μs when CLF1 = 15nF and ICP = 165μA
(RVCO = 365Ω).
An internal system clock determines tsys (see Section 3.2.3 Logic Circuit).
3.2.3 Logic Circuit
The GS7025 is controlled by a finite state logic circuit which is clocked by an
asynchronous system clock. That is, the system clock is completely independent of the
incoming data rate. The system clock runs at low frequencies, relative to the incoming
data rate, and thus reduces interference to the PLL.The period of the system clock is set
by the COSC capacitor and is:
The recommended value for tsys is 450μs (COSC = 4.7nF)
VLF
tswp
Tcycle
Tcycle = tswp + tsys
tsys
A
t
SWP
4
C
LF1
3
ICP
-
-
-
-
-
-
-
-
-
-
-
-
-
-
=
t
sys
9.610
4
C
OSC
onds
sec
[]
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com