Electronic Components Datasheet Search
  English  ▼

X  

GS9024C Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9024C
Description  Automatic Cable Equalizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024C Datasheet(HTML) 1 Page - Gennum Corporation

  GS9024C Datasheet HTML 1Page - Gennum Corporation GS9024C Datasheet HTML 2Page - Gennum Corporation GS9024C Datasheet HTML 3Page - Gennum Corporation GS9024C Datasheet HTML 4Page - Gennum Corporation GS9024C Datasheet HTML 5Page - Gennum Corporation GS9024C Datasheet HTML 6Page - Gennum Corporation GS9024C Datasheet HTML 7Page - Gennum Corporation GS9024C Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: October 2001
Document No. 20581 - 0
PRELIMINARY DATA SHEET
FEATURES
FEATURES
FEATURES
FEATURES
• automatic cable equalization
• fully compatible with SMPTE 259M
• typically equalizes greater than 350m of high quality cable
at 270Mb/s
• signal strength indicator
• output data muting when input data is lost
• output 'eye' monitor (OEM) with large signal amplitude and
power down option
• low power: 240mW at 5V
• 14 pin SOIC package
• programmable output data squelch for max cable length
limiting
• carrier detect with programmable threshold level
• serial data output "High Z" select to allow muxing of EQ
inputs
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
Front-end cable equalization for digital video systems; Input
equalization for serial digital distribution amplifiers, routers,
production switchers and other receiving equipment.
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The GS9024C is a high performance automatic cable
equalizer designed for serial digital data rates from 143Mb/s
to 360Mb/s. The GS9024C receives either single-ended or
differential serial data and outputs equalized differential
signals at PECL levels (800mV). The GS9024C provides up
to 40dB of gain at 200MHz which will typically result in
equalization of greater than 350m at 270Mb/s of Belden
8281 cable.
The GS9024C incorporates an analog signal strength
indicator/carrier detect (SSI/CD) output indicating both the
presence of a carrier and the amount of equalization
applied to the signal. Optional external resistors allow the
carrier detect threshold level to be customized to the user's
requirement.
The GS9024C also features selectable High Z serial data
outputs eliminating the need for input muxing circuitry in
routers. In addition, the GS9024C provides an 'Output Eye
Monitor' (OEM) which allows the verification of signal
integrity after equalization, prior to reslicing.
The GS9024C operates from a single +5V or -5V power
supply and consumes only 240mW of power. Packaged in a
small 14 pin SOIC, the GS9024C is ideal for router
applications where high density component placement is
required.
BLOCK DIAGRAM
BLOCK DIAGRAM
BLOCK DIAGRAM
BLOCK DIAGRAM
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS9024C-CKB
14 pin SOIC
0°C to 70°C
GS9024C-CTB
14 pin SOIC Tape
0°C to 70°C
SDI
SDI
OEM
AGC
CD_ADJ
+
-
+
-
+
-
+
-
HIGH Z
SDO
SDO
SSI/CD
VARIABLE GAIN
EQ STAGE
AUTO EQ
CONTROL
EYE
MONITOR
*(1/,1; ™
,, GS9024C
GS9024C
GS9024C
GS9024C
Automatic Cable Equalizer
Automatic Cable Equalizer
Automatic Cable Equalizer
Automatic Cable Equalizer


Similar Part No. - GS9024C

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
Automatic Cable Equalizer
GS9024 GENNUM-GS9024 Datasheet
298Kb / 16P
Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
148Kb / 8P
Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
298Kb / 16P
Automatic Cable Equalizer
GS9024-CKBE3 GENNUM-GS9024-CKBE3 Datasheet
298Kb / 16P
Automatic Cable Equalizer
More results

Similar Description - GS9024C

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
Automatic Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
Automatic Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com