Electronic Components Datasheet Search
  English  ▼

X  

GS9062-CF Datasheet(PDF) 45 Page - Gennum Corporation

Part # GS9062-CF
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CF Datasheet(HTML) 45 Page - Gennum Corporation

Back Button GS9062-CF Datasheet HTML 38Page - Gennum Corporation GS9062-CF Datasheet HTML 39Page - Gennum Corporation GS9062-CF Datasheet HTML 40Page - Gennum Corporation GS9062-CF Datasheet HTML 41Page - Gennum Corporation GS9062-CF Datasheet HTML 42Page - Gennum Corporation GS9062-CF Datasheet HTML 43Page - Gennum Corporation GS9062-CF Datasheet HTML 44Page - Gennum Corporation GS9062-CF Datasheet HTML 45Page - Gennum Corporation GS9062-CF Datasheet HTML 46Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
45 of 46
6.2 Packaging Data
6.3 Ordering Information
Parameter
Value
Package Type
14mm x 14mm 80-pin LQFP
Package Drawing Reference
JEDEC MS026
Moisture Sensitivity Level
3
Junction to Case Thermal Resistance,
θj-c
11.6°C/W
Junction to Air Thermal Resistance,
θj-a (at zero airflow)
39.9°C/W
Psi
0.6°C/W
Pb-free and RoHS compliant (GS9062-CFE3)
Yes
Part Number
Pb-free and RoHS
Compliant
Package
Temperature Range
GS9062-CF
No
80-pin LQFP
0°C to 70°C
GS9062-CFE3
Yes
80-pin LQFP
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com