Electronic Components Datasheet Search
  English  ▼

X  

25NDD Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 25NDD
Description  Diode - Diode Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

25NDD Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  25NDD Datasheet HTML 1Page - Naina Semiconductor ltd. 25NDD Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Features
•
Improved glass passivation for high reliability
•
Exceptional stability at high temperatures
•
High di/dt and dv/dt capabilities
•
Low thermal resistance
Thermal & Mechanical Specifications
Parameter
Operating junction temperature range
Thermal resistance, junction to case
Electrical Characteristics (TA = 25
OC unless otherwise
Parameter
Maximum average on-state current, 180
0C sinusoidal
Maximum repetitive peak reverse voltage range
Forward voltage drop
RMS isolation voltage
Maximum Ratings (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Maximum average forward
current @ TJ = 85
0C
IF(AV)
Maximum average RMS
forward current
IF(RMS)
Maximum non-repetitive
surge current @ t = 10ms
IFSM
Maximum I
2t for fusing @ t =
10ms
I
2t
emiconductor Ltd.
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Diode – Diode Module
Improved glass passivation for high reliability
Exceptional stability at high temperatures
1
Thermal & Mechanical Specifications (TA = 25
0C unless otherwise noted)
Symbol
Values
TJ
-65 to +125
Rth(JC)
1.0
C unless otherwise noted)
Symbol
C sinusoidal
IT(max)
Maximum repetitive peak reverse voltage range
VRRM
VFM
VISO
C unless otherwise noted)
Values
Units
25
A
39
A
600
A
1.4
kA
2s
M1 PACKAGE
25NDD
4205450
•
Fax: 0120-4273653
www.nainasemi.com
Units
0C
0C/W
Values
Units
25
A
200 to 1600
V
1.15
V
2500
V
M1 PACKAGE


Similar Part No. - 25NDD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
25N05 ISC-25N05 Datasheet
65Kb / 2P
Fast Switching
logo
Unisonic Technologies
25N06 UTC-25N06 Datasheet
179Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
25N06 UTC-25N06 Datasheet
186Kb / 6P
25A, 60V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
25N06 ISC-25N06 Datasheet
65Kb / 2P
Fast Switching
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
More results

Similar Description - 25NDD

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
56NDD NAINA-56NDD Datasheet
121Kb / 2P
Diode - Diode Module
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
Diode - Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com