Electronic Components Datasheet Search
  English  ▼

X  

2SK3013 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK3013
Description  VX-2 Series Power MOSFET(600V 16A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK3013 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  2SK3013 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK3013 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK3013 ( FP16W60VX2 )
VX-2 Series Power MOSFET
●Electrical Characteristics Tc = 25℃
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
V(BR)DSS ID = 1mA, VGS = 0V
600
V
Zero Gate Voltage Drain Current
IDSS
VDS = 600V, VGS = 0V
250
μA
Gate-Source Leakage Current
IGSS
VGS = ±30V, VDS = 0V
±0.1
Forward Transconductance
gfs
ID = 8A, VDS = 10V
6.2
10.0
S
Static Drain-Source On-state Resistance
RDS(ON) ID = 8A, VGS = 10V
0.45
0.6
Ω
Gate Threshold Voltage
VTH
ID = 1mA, VDS = 10V
2.5
3
3.5
V
Source-Drain Diode Forward Voltage
VSD
IS = 8A, VGS = 0V
1.5
Thermal Resistance
θjc
junction to case
1.78 ℃/W
Total Gate Charge
Qg
VGS = 10V, ID = 16A, VDD = 400V
85
nC
Input Capacitance
Ciss
2300
Reverse Transfer Capacitance
Crss
VDS = 10V, VGS = 0V, f = 1MHZ
180
pF
Output Capacitance
Coss
480
Turn-On Time
ton
ID = 8A, VGS = 10V, RL = 19Ω
130
280
ns
Turn-Off Time
toff
260
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com