Electronic Components Datasheet Search
  English  ▼

X  

40NTD Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 40NTD
Description  Thyristor - Diode Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

40NTD Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  40NTD Datasheet HTML 1Page - Naina Semiconductor ltd. 40NTD Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Thyristor
Features
•
Improved glass passivation for high reliability
•
Exceptional stability at high temperatures
•
High di/dt and dv/dt capabilities
•
Low thermal resistance
Thermal & Mechanical Specifications (T
Parameter
Operating junction temperature range
Thermal resistance, junction to case
Electrical Characteristics (TA = 25
0C unless otherwise
Parameter
Maximum average on-state current
Maximum repetitive peak reverse voltage range
Forward voltage drop
Gate current required to trigger
Gate voltage required to trigger
Holding current range
Maximum latching current
Critical rate of rise of off-state voltage
RMS isolated voltage
Maximum Ratings (TA = 25
0C unless otherwise noted)
Parameter
Maximum average forward current @ TJ =
85
0C
Maximum average RMS forward current
Maximum non-repetitive surge current @ t
= 10ms
Maximum I
2t for fusing @ t = 10ms
emiconductor Ltd.
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Thyristor – Diode Module
Improved glass passivation for high reliability
M1 PACKAGE
(TA = 25
0C unless otherwise noted)
Symbol
TJ
-65 to +1
Rth(JC)
C unless otherwise noted)
Symbol
IT(max)
Maximum repetitive peak reverse voltage range
VRRM
200 to 1600
VFM
IGT
VGT
IH
IL
dv/dt
VISO
C unless otherwise noted)
Symbol
Values
Units
IF(AV)
40
A
IF(RMS)
100
A
IFSM
1000
A
I
2t
5000
A
2s
40NTD
4205450
•
Fax: 0120-4273653
PACKAGE
Values
Units
65 to +125
0C
0.7
0C/W
Values
Units
40
A
200 to 1600
V
1.25
V
100
A
2
V
5 to 100
mA
300
mA
300
V/µs
2500
V


Similar Part No. - 40NTD

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40NT NAINA-40NT Datasheet
147Kb / 2P
Phase Control Thyristors, 40A (Stud and Lead Type)
40NTT NAINA-40NTT Datasheet
123Kb / 2P
Thyristor - Thyristor Module
40NT NAINA-40NT_17 Datasheet
173Kb / 2P
Phase Control Thyristors (Stud & Lead Type), 40A
More results

Similar Description - 40NTD

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDT-50H SEMPO-SMDT-50H Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-70I SEMPO-SMDT-70I Datasheet
50Kb / 1P
Diode-Thyristor Module
SMDT-90 SEMPO-SMDT-90 Datasheet
78Kb / 1P
Diode-Thyristor Module
SMDT-130 SEMPO-SMDT-130 Datasheet
454Kb / 1P
Diode-Thyristor Module
SMDT-130I SEMPO-SMDT-130I Datasheet
61Kb / 1P
Diode-Thyristor Module
SMDT-160H SEMPO-SMDT-160H Datasheet
45Kb / 1P
Diode-Thyristor Module
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
THYRISTOR-DIODE MODULE
SMTD-650I SEMPO-SMTD-650I Datasheet
81Kb / 1P
THYRISTOR-DIODE MODULE
SMDT-500H SEMPO-SMDT-500H Datasheet
347Kb / 1P
Diode-Thyristor Module
SMTD-60I SEMPO-SMTD-60I Datasheet
50Kb / 1P
THYRISTOR-DIODE MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com