Electronic Components Datasheet Search
  English  ▼

X  

85NS Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 85NS
Description  Standard Recovery Diodes (Stud and Lead Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

85NS Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  85NS Datasheet HTML 1Page - Naina Semiconductor ltd. 85NS Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
Standard Recovery Diodes (Stud and Lead Type
Features
•
Diffused Series
•
Industrial grade
•
Available in Normal and Reverse polarity
•
Metric and UNF thread type
Electrical Specifications (TE = 25
0C, unless otherwise
Symbol
Parameters
IF(AV)
Maximum avg. forward current @ TE =
150
OC
VFM
Maximum peak forward voltage drop
@ rated IF(AV)
IFSM
Maximum peak one cycle (non-rep)
surge current @ 10 msec
IFRM
Maximum peak repetitive surge
current
I
2t
Maximum I
2t rating (non-rep) for 5 to
10 msec
Electrical Ratings (TE = 25
0C, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
V
10
100
20
200
40
400
60
600
85NS(R)
80
800
100
1000
120
1200
140
1400
160
1600
emiconductor Ltd.
85
rd Recovery Diodes (Stud and Lead Type)
DO-203AB (DO
C, unless otherwise noted)
Values
Units
=
85
A
Maximum peak forward voltage drop
1.3
V
1270
A
4700
A
rep) for 5 to
8064
A
2sec
C, unless otherwise noted)
VR(RMS), Maximum
RMS reverse
voltage
(V)
VR, Maximum
DC blocking
voltage
(V)
Recommended RMS
working voltage
(V)
70
100
40
140
200
80
280
400
160
420
600
240
560
800
320
700
1000
400
840
1200
480
980
1400
560
1120
1600
640
85NS(R)
)
203AB (DO-5)
Recommended RMS
working voltage
IR(AV), Maximum
avg. reverse
leakage current
(µA)
200


Similar Part No. - 85NS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
85NS NAINA-85NS Datasheet
124Kb / 1P
SILICON POWER DIODE
85NS NAINA-85NS Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
85NS10 NAINA-85NS10 Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
85NS100 NAINA-85NS100 Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
85NS120 NAINA-85NS120 Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
More results

Similar Description - 85NS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40NS NAINA-40NS_1 Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
70NS NAINA-70NS_1 Datasheet
118Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
40NS NAINA-40NS_11 Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
70NS NAINA-70NS_11 Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
85NS NAINA-85NS_11 Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
25-NSR NAINA-25-NSR Datasheet
178Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 25A
40-NSR NAINA-40-NSR Datasheet
170Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 40A
70-NSR NAINA-70-NSR Datasheet
178Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 70A
25NS NAINA-25NS_17 Datasheet
688Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
40NS NAINA-40NS_17 Datasheet
687Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 40A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com