Electronic Components Datasheet Search
  English  ▼

X  

SD41 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # SD41
Description  Schottky Barrier Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

SD41 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  SD41 Datasheet HTML 1Page - Naina Semiconductor ltd. SD41 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
Schottky Barrier Rectifier Diode
Features
Fast Switching
Low forward voltage drop, VF
Guard ring protection
High surge capacity
High efficiency, low power loss
Maximum Ratings (TC = 25
0C, unless otherwise noted)
Parameter
Maximum instantaneous forward voltage
Maximum instantaneous reverse current at rated DC voltage
Electrical Ratings (TC = 25
0C, unless otherwise noted)
Parameter
Symbol
Repetitive peak reverse voltage
VRRM
DC blocking voltage
VDC
Non-repetitive peak reverse
voltage
VRSM
Average rectified forward current
(TC = 85
0C)
IF(AV)
Non-repetitive peak surge current
(surge applied at rated load
conditions, halfwave, single phase,
60 Hz
IFSM
Thermal & Mechanical Specifications (TE = 25
Parameters
Maximum thermal resistance, junction to case
Operating junction temperature range
Storage temperature
Mounting torque (non-lubricated threads)
Approximate allowable weight
emiconductor Ltd.
Schottky Barrier Rectifier Diode
DO-203AA (DO
C, unless otherwise noted)
Test Conditions
Symbol
IF = 30 A
VF
IF = 60 A
IF = 60 A @ 150
0C
Maximum instantaneous reverse current at rated DC voltage
TC = 25
0C
IR
TC = 125
0C
C, unless otherwise noted)
Values
Units
45
V
54
V
30
A
600
A
= 25
0C, unless otherwise noted)
Symbol
Values
Rth(JC)
TJ
-65 to
Tstg
-65 to
W
45.6
SD41
203AA (DO-4)
Symbol
Values
Units
0.58
V
0.75
V
0.70
V
50
mA
125
mA
Values
Units
2.0
0C/W
65 to +150
0C
65 to +150
0C
15
in-lb
45.6
g


Similar Part No. - SD41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
logo
Naina Semiconductor ltd...
SD41 NAINA-SD41 Datasheet
130Kb / 1P
SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
SD41 NJSEMI-SD41 Datasheet
135Kb / 1P
Schottky Rectifiers Single Chip Devices
More results

Similar Description - SD41

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
SCHOTTKY-BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
logo
AVX Corporation
SD2114S040S8R0 AVX-SD2114S040S8R0 Datasheet
615Kb / 6P
Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD3220S020S3R0 AVX-SD3220S020S3R0_17 Datasheet
478Kb / 7P
Schottky Barrier Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com