Electronic Components Datasheet Search
  English  ▼

X  

ACT8930 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8930
Description  Advanced PMU for Portable Handheld Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8930 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8930 Datasheet HTML 1Page - Active-Semi, Inc ACT8930 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8930
Product Brief, 04-Nov-10
®
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
PRODUCT OPTIONS
Block
Function
Output Voltage
Capability
ActivePath
System Power Selection
4.6V
Up to 2A
CHGR
Battery Charger
4.2V
Programmable up to 1A
REG1
Step-Down DC/DC
Adjustable, or 0.6V to 3.9V
1100mA
REG2
Step-Down DC/DC
1100mA
REG3
Step-Down DC/DC
1300mA
REG4
LDO
320mA
REG5
LDO
320mA
REG6
LDO
320mA
REG7
LDO
320mA
0.6V to 3.9V
FUNCTIONAL BLOCK DIAGRAM
REG6
LDO
REG7
LDO
ACT8930
Charge
Control
CHGIN
BAT
CURRENT SENSE
VOLTAGE SENSE
4.35V to 6V
AC Adaptor
USB
Li
+ Battery
BODY
SWITCH
SDA
ActivePath
Control
System Supply
VSYS
BODY
SWITCH
2.85V
PRE-
CONDITION
110°C
THERMAL
REGULATION
VP2
GP12
SW2
OUT2
OUT2
VP1
GP12
SW1
OUT1
OUT1
To VSYS
(Optional)
TH
OUT7
OUT6
REG5
LDO
OUT5
OUT7
OUT6
OUT5
System
Control
REG4
LDO
OUT4
OUT4
INL
REFBP
Reference
ACIN
ISET
VP3
GP3
SW3
OUT3
OUT3
+
CHGLEV
GA
EP
nSTAT
CHARGE STATUS
VSYS
To VSYS
To VSYS
To VSYS
ON45
ON6
SCL
nRSTO
ON7
nLBO
1.2V
-
+
LBI
OUT1
BAT
102µA
OUT1
ON3
ON2
ON1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com