Electronic Components Datasheet Search
  English  ▼

X  

B20A Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B20A
Description  Double Balanced Mixers 2.0 to 8.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B20A Datasheet(HTML) 1 Page - Micronetics, Inc.

  B20A Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixers
B20A
2.0 to 8.0 GHz
Specifications
RF Frequency
2.0 to 8.0 GHz
LO Frequency
2.0 to 8.0 GHz
LO Power
+13 dBm typ
Transfer Characteristics
Conversion Loss
6 dB typ
8.0 dB max
IF Frequency
DC to 1.5 GHz
LO to RF Isolation
23 dB min
30 dB typ
LO to IF Isolation
22 dB min
33 dB typ
IP3 In
+17 dBm typ
P1dB In
+7 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B20A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B20A100VIC KEC-B20A100VIC Datasheet
424Kb / 1P
TO-220IS PACKAGE
B20A200VIC KEC-B20A200VIC Datasheet
423Kb / 1P
TO-220IS PACKAGE
B20A45 KEC-B20A45 Datasheet
75Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B20A45VC KEC-B20A45VC Datasheet
37Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)
B20A45VIC KEC-B20A45VIC Datasheet
75Kb / 2P
SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
More results

Similar Description - B20A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20H MICRONETICS-B20H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B21A MICRONETICS-B21A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21K MICRONETICS-B21K Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21Q MICRONETICS-B21Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21V MICRONETICS-B21V Datasheet
312Kb / 2P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22K MICRONETICS-B22K Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22Q MICRONETICS-B22Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22V MICRONETICS-B22V Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com