Electronic Components Datasheet Search
  English  ▼

X  

B22K Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B22K
Description  Triple Balanced Mixers 2.0 to 8.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B22K Datasheet(HTML) 1 Page - Micronetics, Inc.

  B22K Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Triple Balanced Mixers
B22K
2.0 to 8.0 GHz
Specifications
RF Frequency
2.0 to 8.0 GHz
LO Frequency
2.0 to 8.0 GHz
LO Power
+10 dBm typ
Transfer Characteristics
Conversion Loss
6.2 dB typ
8.5 dB max
IF Frequency
2.0 to 6.0 GHz
LO to RF Isolation
16 dB min
24 dB typ
LO to IF Isolation
16 dB min
28 dB typ
IP3 In
+14 dBm typ
P1dB In
+4 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B22K

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B22KB NKK-B22KB Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
B22KH NKK-B22KH Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
B22KP NKK-B22KP Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
B22KV NKK-B22KV Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
B22KW NKK-B22KW Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
More results

Similar Description - B22K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20H MICRONETICS-B20H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B21A MICRONETICS-B21A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21K MICRONETICS-B21K Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21Q MICRONETICS-B21Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B21V MICRONETICS-B21V Datasheet
312Kb / 2P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22A MICRONETICS-B22A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22Q MICRONETICS-B22Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22V MICRONETICS-B22V Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com