Electronic Components Datasheet Search
  English  ▼

X  

B24V Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B24V
Description  Double Balanced Mixers 2.0 to 12.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B24V Datasheet(HTML) 1 Page - Micronetics, Inc.

  B24V Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixers
B24V
2.0 to 12.0 GHz
Specifications
RF Frequency
2.0 to 12.0 GHz
LO Frequency
2.0 to 12.0 GHz
LO Power
+16 dBm typ
Transfer Characteristics
Conversion Loss
5.7 dB typ
8.5 dB max
IF Frequency
DC to 1.5 GHz
LO to RF Isolation
18 dB min
38 dB typ
LO to IF Isolation
18 dB min
35 dB typ
IP3 In
+19 dBm typ
P1dB In
+10 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B24V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B24 DBLECTRO-B24 Datasheet
259Kb / 1P
FEMALE HEADER PROFILE : 5.0mm DUAL-ENTRY TYPE
logo
Magnetrol International...
B24-1B10-CKP MAGNETROL-B24-1B10-CKP Datasheet
499Kb / 36P
External Cage Float Actuated Liquid Level Switches
B24-1B10-JEG MAGNETROL-B24-1B10-JEG Datasheet
499Kb / 36P
External Cage Float Actuated Liquid Level Switches
B24-1B10-KOG MAGNETROL-B24-1B10-KOG Datasheet
256Kb / 8P
C24, C25, Boiler and Water Column Liquid Level Switches
logo
Diodes Incorporated
B240 DIODES-B240 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
More results

Similar Description - B24V

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20A MICRONETICS-B20A Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20H MICRONETICS-B20H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B21A MICRONETICS-B21A Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B22Q MICRONETICS-B22Q Datasheet
270Kb / 1P
Triple Balanced Mixers 2.0 to 8.0 GHz
B24A MICRONETICS-B24A Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24H MICRONETICS-B24H Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
B24K MICRONETICS-B24K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 12.0 GHz
logo
Teledyne Technologies I...
MMP12244 TELEDYNE-MMP12244 Datasheet
155Kb / 2P
2.0 TO 12.0 GHz COUGAR MIXERPAK DOUBLE-BALANCED MIXER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com