Electronic Components Datasheet Search
  English  ▼

X  

B37A Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B37A
Description  Double Balanced Mixers 3.7 to 8.6 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B37A Datasheet(HTML) 1 Page - Micronetics, Inc.

  B37A Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixers
B37A
3.7 to 8.6 GHz
Specifications
RF Frequency
3.7 to 8.6 GHz
LO Frequency
3.7 to 8.6 GHz
LO Power
+13 dBm typ
Transfer Characteristics
Conversion Loss
6 dB typ
7.5 dB max
IF Frequency
DC to 2.0 GHz
LO to RF Isolation
24 dB min
38 dB typ
LO to IF Isolation
20 dB min
30 dB typ
IP3 In
+17 dBm typ
P1dB In
+7 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B37A

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B37 POWERDYNAMICS-B37 Datasheet
41Kb / 1P
1 CELL D (R20) BATTERY HOLDER INTERLOCKING; PCB / BASEBOARD MOUNT
logo
Micrel Semiconductor
B37 MICREL-B37 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B370 WEITRON-B370 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B370 WEITRON-B370 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B37A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B37H MICRONETICS-B37H Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B37K MICRONETICS-B37K Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B37V MICRONETICS-B37V Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com