Electronic Components Datasheet Search
  English  ▼

X  

B61Q Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # B61Q
Description  Triple Balanced Mixers 6.0 to 18.0 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

B61Q Datasheet(HTML) 1 Page - Micronetics, Inc.

  B61Q Datasheet HTML 1Page - Micronetics, Inc. B61Q Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Triple Balanced Mixers
B61Q
6.0 to 18.0 GHz
Specifications
RF Frequency
6.0 to 18.0 GHz
LO Frequency
6.0 to 18.0 GHz
LO Power
+19 dBm typ
Transfer Characteristics
Conversion Loss
7.0 dB typ
8.5 dB max
IF Frequency
1.5 to 8.0 GHz
LO to RF Isolation
20 dB min
28 dB typ
LO to IF Isolation
17 dB min
26 dB typ
IP3 In
+21 dBm typ
P1dB In
+13 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y,Z
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - B61Q

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B610 EDAL-B610 Datasheet
365Kb / 2P
Silicon Bridge Rectifier
B610-10 EDAL-B610-10 Datasheet
365Kb / 2P
Silicon Bridge Rectifier
B610-100 EDAL-B610-100 Datasheet
365Kb / 2P
Silicon Bridge Rectifier
B610-120 EDAL-B610-120 Datasheet
365Kb / 2P
Silicon Bridge Rectifier
B610-20 EDAL-B610-20 Datasheet
365Kb / 2P
Silicon Bridge Rectifier
More results

Similar Description - B61Q

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50V MICRONETICS-B50V Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B60A MICRONETICS-B60A Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B60H MICRONETICS-B60H Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B60K MICRONETICS-B60K Datasheet
334Kb / 2P
Double Balanced Mixers 6.0 to 10.0 GHz
B61A MICRONETICS-B61A Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61K MICRONETICS-B61K Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
B61V MICRONETICS-B61V Datasheet
334Kb / 2P
Triple Balanced Mixers 6.0 to 18.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com