Electronic Components Datasheet Search
  English  ▼

X  

C13K Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # C13K
Description  Double Balanced Mixers 13.8 to 14.7 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

C13K Datasheet(HTML) 1 Page - Micronetics, Inc.

  C13K Datasheet HTML 1Page - Micronetics, Inc. C13K Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double Balanced Mixers
C13K
13.8 to 14.7 GHz
Specifications
RF Frequency
13.8 to 14.7 GHz
LO Frequency
11.8 to 13.8 GHz
LO Power
+10 dBm typ
Transfer Characteristics
Conversion Loss
5.5 dB typ
6.2 dB max
IF Frequency
DC to 2.0 GHz
LO to RF Isolation
25 dB min
42 dB typ
LO to IF Isolation
23 dB min
35 dB typ
IP3 In
+14 dBm typ
P1dB In
+4 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y,Z
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - C13K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C13 ETC1-C13 Datasheet
191Kb / 2P
Large, low-cost 31/2 Digit Backlit Bezel Mount LCD Display Digital Panel Meters
logo
Texas Instruments
C13 TI1-C13 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
New Jersey Semi-Conduct...
C13 NJSEMI-C13 Datasheet
71Kb / 1P
SCR
logo
ABB
C13 110-101 ABB-C13 110-101 Datasheet
115Kb / 4P
C13 110-101, Energy meter Steel, None, Threephase, 5 A
2024/06/23
logo
Marki Microwave
C13-0126 MARKIMICROWAVE-C13-0126 Datasheet
277Kb / 3P
DIRECTIONAL COUPLER
More results

Similar Description - C13K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
C13A MICRONETICS-C13A Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
C13H MICRONETICS-C13H Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
C13Q MICRONETICS-C13Q Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
C13V MICRONETICS-C13V Datasheet
334Kb / 2P
Double Balanced Mixers 13.8 to 14.7 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com