Electronic Components Datasheet Search
  English  ▼

X  

C36A Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # C36A
Description  Double Balanced Mixers 3.6 to 4.3 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

C36A Datasheet(HTML) 1 Page - Micronetics, Inc.

  C36A Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixers
C36A
3.6 to 4.3 GHz
Specifications
RF Frequency
3.6 to 4.3 GHz
LO Frequency
4.7 to 5.4 GHz
LO Power
+13 dBm typ
Transfer Characteristics
Conversion Loss
5.0 dB typ
5.8 dB max
IF Frequency
DC to 1.5 GHz
LO to RF Isolation
25 dB min
35 dB typ
LO to IF Isolation
21 dB min
33 dB typ
IP3 In
+18 dBm typ
P1dB In
+8 dBm typ
Available Package Styles
Available Package Styles
W1, X, Y
Environmental Ratings
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - C36A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C360 COILCRAFT-C360 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C360 COILCRAFT-C360 Datasheet
100Kb / 1P
Designer’s Kits
logo
Powerbox
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
logo
General Cable Technolog...
C3602A GENERAL-C3602A Datasheet
72Kb / 1P
2C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3603A GENERAL-C3603A Datasheet
72Kb / 1P
3C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
More results

Similar Description - C36A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
B20K MICRONETICS-B20K Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
Double Balanced Mixers 5.0 to 18.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C36H MICRONETICS-C36H Datasheet
275Kb / 1P
Double Balanced Mixers 3.6 to 4.3 GHz
C36K MICRONETICS-C36K Datasheet
275Kb / 1P
Double Balanced Mixers 3.6 to 4.3 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com