Electronic Components Datasheet Search
  English  ▼

X  

ES0189 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # ES0189
Description  High Power Switch 2.4 GHz to 2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ES0189 Datasheet(HTML) 1 Page - Micronetics, Inc.

  ES0189 Datasheet HTML 1Page - Micronetics, Inc. ES0189 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Power Switch
ES0189
2.4 GHz to 2.5 GHz
Power Input Specifications
RF Frequency
2.4 GHz to 2.5 GHz
Peak Power
10 Watts max
Average Power
10 Watts max
Pulse Width
CW uSec max
Load VSWR
2.5:1 max
Microwave Specifications
VSWR
1.5:1 max
Switching Speed
0.5 us max
Mechanical
RF Connector
SMA-F
Bias Connector
Solder Pins
Control Connector
SMA-F
Control
TTL
Positive Supply
5 Vdc
300 mA
Negative Supply
-28 Vdc
Power
100 mA
Environmental Ratings
Storage Temperature
-55 to 125 °C
Operating Temperature
-40 to 85 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - ES0189

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES01 SANKEN-ES01 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES01 SANKEN-ES01 Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Powerbox
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
150 WATTS PROGRAMMABLE DC SUPPLY
logo
Sanken electric
ES01A SANKEN-ES01A Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES01A SANKEN-ES01A Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
More results

Similar Description - ES0189

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
2.4~2.5 GHz High Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Texas Instruments
TRF2436 TI-TRF2436_07 Datasheet
423Kb / 14P
High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Skyworks Solutions Inc.
SKY13586-678LF SKYWORKS-SKY13586-678LF Datasheet
426Kb / 8P
2.4 to 2.5 GHz SP3T Switch
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com