Electronic Components Datasheet Search
  English  ▼

X  

HMC505LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC505LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 6.8 - 7.4 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC505LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC505LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC505LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC505LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC505LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC505LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC505LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
11
11 - 97
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Frequency vs. Tuning Voltage, T= 25°C
Sensitivity vs. Tuning Voltage, Vcc= +3V
Typical SSB Phase Noise @ Vtune= +5V
Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, Vcc= +3V
Output Power vs.
Tuning Voltage, Vcc= +3V
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
01
234
56
789
10
11
2.75V
3.0V
3.25V
TUNING VOLTAGE (VOLTS)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
01
234
56
789
10
11
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
0
40
80
120
160
200
240
280
320
360
400
01
234
56
789
10
11
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
4
6
8
10
12
14
16
18
01
234
56
789
10
11
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
-125
-115
-105
-95
-85
-75
-65
01
234
56
789
10
11
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)
MMIC VCO w/ BUFFER
AMPLIFIER, 6.8 - 7.4 GHz
v02.0508
HMC505LP4 / 505LP4E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com