Electronic Components Datasheet Search
  English  ▼

X  

HMC656LP2E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC656LP2E
Description  WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC656LP2E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC656LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC656LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC656LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC656LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12
12 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC656LP2E to HMC658LP2E
v01.0308
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E / HMC657LP2E / HMC658LP2E
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
HMC656LP2 through
HMC658LP2
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
NNN
XXX
HMC656LP2E through
HMC658LP2E
RoHS-compliant Low Stress Injection
Molded Plastic
100% matte Sn
MSL1
[2]
NNN
XXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 3-Digit lot number XXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Pin Number
Function
Description
Interface Schematic
1, 3, 4, 6
GND
Package bottom must be connected to RF/DC ground.
2, 5
RF1, RF2
This pin is DC coupled and matched to 50 Ohms.
Use DC Blocking capacitors if the input / output signals
have non-zero DC potential
Pin Descriptions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com