Electronic Components Datasheet Search
  English  ▼

X  

HMC657LP2E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC657LP2E
Description  WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC657LP2E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC657LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC657LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC657LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC657LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12
12 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC656LP2E to HMC658LP2E
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E / HMC657LP2E / HMC658LP2E
v01.0308
General Description
Features
Functional Diagrams
3 Attenuator Products:
10, 15, & 20 dB Fixed Attenuation Levels
Wide Bandwidth: DC - 25 GHz
Excellent Attenuation Accuracy
Power Handling: +25 dBm
6 Lead 2x2mm SMT Package: 4mm2
Electrical Specifications, T
A = +25° C, 50 Ohm system
Typical Applications
The HMC656LP2E - HMC658LP2E are ideal for:
• Fiber Optics
• Microwave Radio
• Military & Space
• Test & Measurement
• Scientific Instruments
• RF / Microwave Circuit Prototyping
The HMC656LP2E / 657LP2E / 658LP2E are a
line of wideband fixed value SMT 50 Ohm matched
attenuators which offer relative attenuation levels
of 10, 15 and 20 dB respectively. These passive
attenuators are ideal for military, test equipment, and
other wideband applications where extremely flat
attenuation, and excellent VSWR vs. frequency are
required.
These wideband attenuators handle up to +25 dBm
of input power, and are compatible with high volume
surface mount manufacturing techniques.
Part Number
Attenuator Value
Return Loss (Typical)
Attenuation Tolerance [1]
Temperature Coefficient (Typical) [2]
Units
DC - 25
GHz
HMC656LP2E
10
12
± 1.5
0.0004
dB
HMC657LP2E
15
14
± 2.0
0.0006
dB
HMC658LP2E
20
12
±2.0
0.0004
dB
[1] Attenuation Tolerance is valid over temperature.
[2] Temperature Coefficient Units are dB/ °C.


Similar Part No. - HMC657LP2E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC657LP2E AD-HMC657LP2E Datasheet
206Kb / 4P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz HMC656LP2E / HMC657LP2E / HMC658LP2E
v02.0112
More results

Similar Description - HMC657LP2E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
50 GHz Wideband Analog Attenuator
logo
Hittite Microwave Corpo...
HMC656LP2E HITTITE-HMC656LP2E Datasheet
126Kb / 6P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC650 HITTITE-HMC650 Datasheet
345Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
HMC652LP2E HITTITE-HMC652LP2E Datasheet
212Kb / 4P
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
DC -30 GHz Wideband Analog Attenuator
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
25-45 GHz Attenuator
logo
TriQuint Semiconductor
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
50 GHz Wideband Analog Attenuator
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
WIDEBAND FIXED ATTENUATOR FAMILY
logo
Qorvo, Inc
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
DC -30 GHz Wideband Analog Attenuator
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
50 GHz Wideband Analog Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com