Electronic Components Datasheet Search
  English  ▼

X  

G12X Datasheet(PDF) 2 Page - Virginia Panel Corporation

Part # G12X
Description  Receiver, G12x, 18 Module with 20' Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

G12X Datasheet(HTML) 2 Page - Virginia Panel Corporation

  G12X Datasheet HTML 1Page - Virginia Panel Corporation G12X Datasheet HTML 2Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VIRGINIA PANEL CORPORATION
vpc.com
6/2/11
Weight
4.48 lbs [2.03 kg]
Frame Material
Chromated Aluminum
Slide Material
Nickel Plated Steel
Available Module Slots
18 Positions
Cycle Life
20,000 cycles
Temperature
-55
°C to 85°C
Specifications
Weight
21.92 lbs [9.94 kg]
Frame Material
Anodized and Power Coated
Aluminum
Slide Material
Nickel Plated Steel
Linkage, Handle and Latch
Stainless Steel
Available Module Slots
18 Positions
Cycle Life
20,000 cycles
Temperature
-55
°C to 85°C
Maximum Weight Support
Without Leg Kit: 180 lbs [81.65 kg]
With Leg Kit: 350 lbs [158.76 kg]
RECEIVERS
310 104 385
Receiver, G12x, 18 Module with 20" Platform
310 104 386
Receiver, G12x, 18 Module with 15" Platform
310 104 410
Receiver, G12x, 18 Module, with 15" Platform for Tabletop
310 104 411
Receiver, G12x, 18 Module, with 20” Platform for Tabletop
ITAS
410 104 322
ITA, G12, Front Mount, 12 Module with Protective Cover
410 104 474
ITA, G12x, Front Mount, 18 Module
ENCLOSURE
410 112 849
Enclosure, G12x, Front Mount, 6”x18”x12”
410 112 856
Enclosure, G12x, Front Mount, 6”x18”x12”, for Discrete Wiring
410 112 665
Enclosure, G12, Front Mount, 4”x18”x12”
410 112 739
Enclosure, G12, Front Mount, 4”x18”x12”, for Discrete Wiring
410 112 757
Enclosure, G12, Front Mount, 7”x18”x12”
SLIDE KITS
310 113 409
20” Slide Kit, Fits 20”-22” Deep Racks, Supports 180 lbs
310 113 410
24” Slide Kit, Fits 24”-26” Deep Racks, Supports 180 lbs
310 113 451
28” Slide Kit, Fits 28”-30” Deep Racks, Supports 180 lbs
310 113 411
30” Slide Kit, Fits 30”-32” Deep Racks, Supports 180 lbs
310 113 500
36” Slide Kit, Fits 34”-38” Deep Racks, Supports 180 lbs
ACCESSORIES
310 113 433
Gap Cover, G12/G12x, Rack Mount
310 113 439
Keyboard Tray Kit, Slide Configuration, Keyboard with Touchpad Mouse Included
310 113 453
Instrument Bracket Kit with Strain Relief
310 113 519
Rack Extender Kit, G12x, 1.5” Deep
310 113 566
Adjustable Leg Kit for the 20" Platform, 27-36", Supports 350 lbs
310 118 112
Keying Pin Kit, Receiver/ITA
310 113 518
Protective Cover, G12x, Receiver
410 112 857
Protective Cover, G12x, ITA
410 112 681
Replacement Protective Cover, G12, ITA
310 113 520
Rear Cover, G12x, Tabletop Configuration
Part #
Description
G12x Receiver
Specifications
G12x ITA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com