Electronic Components Datasheet Search
  English  ▼

X  

9025 Datasheet(PDF) 2 Page - Virginia Panel Corporation

Part # 9025
Description  Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

9025 Datasheet(HTML) 2 Page - Virginia Panel Corporation

  9025 Datasheet HTML 1Page - Virginia Panel Corporation 9025 Datasheet HTML 2Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VIRGINIA PANEL CORPORATION
vpc.com
10/25/11
9025 Slide Kit Package
G18/G10 Slide Kit Package
Part #
Description
RECEIVERS
310 104 387
Receiver, 9025, 25 Module, with Slide Mounting Kit (slide kit required)
310 120 141
Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
310 120 146
Receiver, G10, 10 Module, with Slide Mounting Kit (slide kit required)
310 113 585
Mounting Plate, Blank, 6U, with Slide Mounting Kit (slide kit required)
ITAS
410 104 111
ITA, 9025, 25 Module, Single Tier
410 120 111
ITA, G18, 18 Module
410 104 272
ITA with Removable Cover, G10, 10 Module, with Protective Cover
410 104 375
ITA, G10, 10 Module
SLIDE KITS
310 113 451
28” Slide Kit, Fits 26”-30” Deep Racks, Supports 180 lbs.
310 113 411
30” Slide Kit, Fits 28”-32” Deep Racks, Supports 180 lbs.
310 113 500
36” Slide Kit, Fits 34”-38” Deep Racks, Supports 180 lbs.
ACCESSORIES
310 113 163
Protective Cover, 9025, 9025VXI, 9025TR, Receiver
310 113 327
Protective Cover, G18, Receiver
310 113 154
Protective Cover, G10, Receiver
310 113 507
Instrument Bracket with Strain Relief Kit
9025 RECEIVER
MOUNTING FLANGE
MOUNTING FLANGE
INSTRUMENT BRACKET
(NOT INCLUDED)
SLIDE KIT
(NOT INCLUDED)
19.00
482.60
12.18
309.30
INSTRUMENT BRACKET
(NOT INCLUDED)
SLIDE KIT
(NOT INCLUDED)
MOUNTING FLANGE
RECEIVER
MOUNTING PLATE
G18 RECEIVER
MOUNTING FLANGE
12.25
311.15
18.98
482.14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com