Electronic Components Datasheet Search
  English  ▼

X  

SMB Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # SMB
Description  COAXIAL CONNECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMB Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  SMB Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SMB Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
24
COAXIAL CONNECTORS
SMB Series
■PLUG
Intermatable with RECEPTACLE
(21,22 Page)& JACK(23 Page)
Dimensions in millimeters
■Straight
B Ref.
(SHRINKAGE TUBE)
12.5
A
(Note)The picture on the above shows the SMBA001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
SMBA001D37
SMBA002D37
SMBA003DB2
Part Number
A
9
9
5
B
Ref.
−
20
13
(Note)Procedure for wire connection…See pages 113 to 120
■Right-angle
6
9.7
(Note)The picture on the above shows the SMBB001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
SMBB001D37
SMBB002D37
SMBB003DB2
Part Number
A
9
9
5
B
0.5
0.5
0.5
C
Ref.
−
20
13
(Note)Procedure for wire connection…See pages 113 to 120



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com