Electronic Components Datasheet Search
  English  ▼

X  

MAGIC9 Datasheet(PDF) 7 Page - ADTech

Part # MAGIC9
Description  specifically designed for LED lighting applications for AC power system
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

MAGIC9 Datasheet(HTML) 7 Page - ADTech

  MAGIC9 Datasheet HTML 1Page - ADTech MAGIC9 Datasheet HTML 2Page - ADTech MAGIC9 Datasheet HTML 3Page - ADTech MAGIC9 Datasheet HTML 4Page - ADTech MAGIC9 Datasheet HTML 5Page - ADTech MAGIC9 Datasheet HTML 6Page - ADTech MAGIC9 Datasheet HTML 7Page - ADTech MAGIC9 Datasheet HTML 8Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Aug. 23. 2011 / Rev. 0.0
7/8
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
Magic9
TYPICAL APPLICATION
50~ 315VDC
Magic9
VIN
LED
GND
DC Power
AC Power
VDD
REXT
VCC
Magic9
VIN
LED
GND
VDD
REXT
VCC
220VAC
~
C1
C2
C3
C1
C2
C3
C1 : 1uF
C2 : 1uF
C3 : 10nF
C1 : 1uF
C2 : 1uF
C3 : 10nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com