Electronic Components Datasheet Search
  English  ▼

X  

D1F60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1F60
Description  General Purpose Rectifiers(600V 1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1F60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D1F60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1F60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1F60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1F60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D1F60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D1F60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D1F60
600V 1A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Case : 1F
Single
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Case : 1F
Unit : mm
● High reliability with superior moisture
resistance
● Applicable to Automatic Insertion
FEATURES
● Conventional Rectification
● Power source(Power Supply)
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, On alumina substrate Ta=25℃
1
A
50Hz sine wave, R-load, On glass-epoxy substrate Ta=25℃
0.75
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
25
A
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1A,
Pulse measurement
Max.1.1
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.10
μA
θjl
junction to lead
Max.23
Thermal Resistance
θja
junction to ambient, On alumina substrate
Max.108
℃/W
junction to ambient, On glass-epoxy substrate
Max.157
General Purpose Rectifiers


Similar Part No. - D1F60

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
D1F60 TAYCHIPST-D1F60 Datasheet
1Mb / 2P
General Purpose Rectifiers
logo
Guangdong Kexin Industr...
D1F60 KEXIN-D1F60 Datasheet
1Mb / 2P
Rectifiers Diodes
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
198Kb / 2P
Rectifier Diode 600V 1A
D1F60 SHINDENGEN-D1F60 Datasheet
652Kb / 6P
General Rectifying Diodes 600V, 1.0A
Rev.02 2020.06
D1F60-5063 SHINDENGEN-D1F60-5063 Datasheet
383Kb / 3P
600V 1A
More results

Similar Description - D1F60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
General Purpose Rectifiers(600V 1A)
M1F60 SHINDENGEN-M1F60 Datasheet
283Kb / 6P
General Purpose Rectifiers(600V 1A)
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
General Purpose Rectifiers(800V 1A)
S1NB80 SHINDENGEN-S1NB80 Datasheet
271Kb / 5P
General Purpose Rectifiers(800V 1A)
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
General Purpose Rectifiers(200V 1A)
S1VB60 SHINDENGEN-S1VB60 Datasheet
319Kb / 5P
General Purpose Rectifiers(600V 1A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
General Purpose Rectifiers(600V 1A)
S1WB60 SHINDENGEN-S1WB60 Datasheet
279Kb / 5P
General Purpose Rectifiers(600V 1A)
S1WB60B SHINDENGEN-S1WB60B Datasheet
305Kb / 5P
General Purpose Rectifiers(600V 1A)
S1NB60 SHINDENGEN-S1NB60 Datasheet
160Kb / 5P
General Purpose Rectifiers(600V 1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com