Electronic Components Datasheet Search
  English  ▼

X  

MSL1064 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MSL1064
Description  6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL1064 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MSL1064 Datasheet HTML 9Page - ATMEL Corporation MSL1064 Datasheet HTML 10Page - ATMEL Corporation MSL1064 Datasheet HTML 11Page - ATMEL Corporation MSL1064 Datasheet HTML 12Page - ATMEL Corporation MSL1064 Datasheet HTML 13Page - ATMEL Corporation MSL1064 Datasheet HTML 14Page - ATMEL Corporation MSL1064 Datasheet HTML 15Page - ATMEL Corporation MSL1064 Datasheet HTML 16Page - ATMEL Corporation MSL1064 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Atmel LED Drivers-MSL1061/MSL1064
Note 1. All parameters are tested at T
A=25°C, unless otherwise noted. Specifications at temperature are guaranteed by design
Note 2. Minimum SCL clock frequency is limited by the bus timeout feature, which resets the serial bus interface if either SDA or SCL is held low for
t
timeout. Disable the bus timeout feature for DC operation
Note 3. t
VD:ACK = SCL LOW to SDA (out) low acknowledge time
Note 4. t
VD:DAT = minimum SDA output data-valid time following SCL low transition
Note 5. A master device must internally provide an SDA hold time of at least 300ns to ensure an SCL low state
Note 6. The maximum SDA and SCL rise times is 300ns. The maximum SDA fall time is 250ns. This allows series protection resistors to be
connected between SDA and SCL inputs and the SDA/SCL bus lines without exceeding the maximum allowable rise time
Note 7. MSL1061/64 includes input filters on SDA, SCL, and AD0 inputs that suppress noise less than 50ns
Note 8. Subject to thermal dissipation characteristics of the device
Note 9. When mounted according to JEDEC JEP149 and JESD51-12 for a two-layer PCB,
θ
JA = 24.1°C/W, and θJC = 2.7°C/W
Note 10. Guaranteed by design and characterization. Not production tested
Note 11. STR0 to STR5 current matching is the difference of any one string current and the average of all string currents divided by the average of
all string currents
Note 12. The MSL1061/64 selects the string (STR0 through STR5) with the lowest voltage to control the boost regulator voltage
PARAMETER
SYMBOL
CONDITIONS AND NOTES
MIN
TYP
MAX
UNIT
I²C SWITCHING CHARACTERISTICS
SCL clock frequency
1/t
SCL
TOEN bit D1=0 in control
register to disable bus
timeout
0
1000
kHz
TOEN bit D1=1 in control
register to enable bus
timeout
0.066
Bus time-out period
t
TIMEOUT
15
25
ms
STOP to START condition bus
free time
t
BUF
0.5
µs
Repeated START condition
hold time
t
HD:STA
0.26
µs
Repeated START condition
set-up time
t
SU:STA
0.26
µs
STOP condition set-up time
t
SU:STOP
0.26
µs
SDA data hold time
t
HD:DAT
5
ns
SDA data valid acknowledge time
t
VD:ACK
(Note 3)
0.05
0.55
µs
SDA data valid time
t
VD:DAT
(Note 4)
0.05
0.55
µs
SDA data set-up time
t
SU:DAT
100
ns
SCL clock low period
t
LOW
0.5
µs
SCL clock high period
t
HIGH
0.26
µs
SDA, SCL fall time
t
F
(Note 5, Note 6)
120
ns
SDA, SCL rise time
t
R
120
ns
SDA, SCL input suppression
filter period
t
SP
(Note 7, Note 10)
50
ns
Atmel LED Drivers-MSL1061/MSL1064
6-string PWM LED Driver with Digitally Compensated, 1.1MHz,
48V Boost Regulator, ±1.5% Current Balance, I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com