Electronic Components Datasheet Search
  English  ▼

X  

MSL3085 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MSL3085
Description  8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL3085 Datasheet(HTML) 5 Page - ATMEL Corporation

  MSL3085 Datasheet HTML 1Page - ATMEL Corporation MSL3085 Datasheet HTML 2Page - ATMEL Corporation MSL3085 Datasheet HTML 3Page - ATMEL Corporation MSL3085 Datasheet HTML 4Page - ATMEL Corporation MSL3085 Datasheet HTML 5Page - ATMEL Corporation MSL3085 Datasheet HTML 6Page - ATMEL Corporation MSL3085 Datasheet HTML 7Page - ATMEL Corporation MSL3085 Datasheet HTML 8Page - ATMEL Corporation MSL3085 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Atmel LED Driver-MSL3085
Package Pin-out
Figure 1. Atmel LED Driver-MSL3085
Pin-out, 40-pin TQFN.
Figure 2. Package Dimensions: 40-pin, 6mm x 6mm x 0.75mm TQFN (0.5mm pin pitch) with Exposed Pad.
(TOP VIEW)
G4
1
30
PWM
D4
2
29
GSC
S6
3
28
PHI
G6
4
27
VCC
D6
5
26
D14
NC
6
25
G14
SDA
7
24
S14
SCL
8
23
D12
GND
9
22
G12
FLTB
10
MSL3085
21
S12
Atmel LED Driver-MSL3085
8-string White and RGB LED Driver with Adaptive Power
Control, EEPROM, and I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com