Electronic Components Datasheet Search
  English  ▼

X  

KO129D Datasheet(PDF) 2 Page - E-SWITCH

Part # KO129D
Description  KEYLOCK SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO129D Datasheet(HTML) 2 Page - E-SWITCH

  KO129D Datasheet HTML 1Page - E-SWITCH KO129D Datasheet HTML 2Page - E-SWITCH KO129D Datasheet HTML 3Page - E-SWITCH KO129D Datasheet HTML 4Page - E-SWITCH KO129D Datasheet HTML 5Page - E-SWITCH KO129D Datasheet HTML 6Page - E-SWITCH KO129D Datasheet HTML 7Page - E-SWITCH KO129D Datasheet HTML 8Page - E-SWITCH KO129D Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 LEDS
KO 104
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder,
chrome plated
Zinc alloy keys, chrome plated,
with plastic cover
Silver plated contacts and terminals
10,000 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO104A
1-2
3-4
Pos. 1
KO104B
1-2
3-4
Pos. 1, Pos. 2
1
2
90 indexing
90 indexing
1
2
= Detent Position
= Keypull Possible
= Momentary
UNIT: mm
Ratings:
3A @ 125 VAC
1.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 105
FEATURES & BENEFITS
Zinc alloy die cast housing and cylinder,
chrome plated
Steel made tubular keys, nickel plated,
with plastic cover
Silver plated contacts and terminals
100 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO105A
OFF
1-2
Pos. 1, Pos. 2
KO105B
1-2
3-4
Pos. 1, Pos. 2
90 indexing
90 indexing
1
2
1
2
= Detent Position
= Keypull Possible
= Momentary
UNIT: mm
Ratings:
1A @ 125 VAC
0.5A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
221
info@e-switch.com
www.e-switch.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com