Electronic Components Datasheet Search
  English  ▼

X  

KO129F Datasheet(PDF) 5 Page - E-SWITCH

Part # KO129F
Description  KEYLOCK SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KO129F Datasheet(HTML) 5 Page - E-SWITCH

  KO129F Datasheet HTML 1Page - E-SWITCH KO129F Datasheet HTML 2Page - E-SWITCH KO129F Datasheet HTML 3Page - E-SWITCH KO129F Datasheet HTML 4Page - E-SWITCH KO129F Datasheet HTML 5Page - E-SWITCH KO129F Datasheet HTML 6Page - E-SWITCH KO129F Datasheet HTML 7Page - E-SWITCH KO129F Datasheet HTML 8Page - E-SWITCH KO129F Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SERIES KO SWITCHES
KEYLOCK SWITCHES
KO 117
FEATURES & BENEFITS
Zinc alloy die cast housing, chrome plated
5-Disk tumblers mechanism, with dust shutter
Reversible double cut key, brass made, nickel plated
Silver plated contacts and terminals
150 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO117A
OFF
1-2
Pos. 1, Pos. 2
90 indexing
1
2
= Detent Position
= Keypull Possible
= Momentary
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
KO 118
FEATURES & BENEFITS
Zinc alloy die cast housing, chrome plated
5-Disk tumblers mechanism, with dust shutter
Reversible double cut key, brass made, nickel plated
Silver plated contacts and terminals
150 combinations available
SPECIFICATIONS
HOLE SIZE
Part
Number
Lock Configuration
(as viewed from key end)
Connected Terminals
Pos. 1
Pos. 2
Pos. 3
Key Pull
Possible
KO118A
1-2
3-4
Pos. 1, Pos. 2
90 indexing
1
2
= Detent Position
= Keypull Possible
= Momentary
UNIT: mm
Ratings:
4A @ 125 VAC
2A @ 250 VAC
Contact Resistance:
20 mΩ max. initial @ 2-4 VDC, 100 mA
Insulation Resistance:
200 MΩ min.
Dielectric Strength:
1,500 V rms @ sea level
UNIT: mm
224
Fax: 763-531-8235
Phone: 800-867-2717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com