Electronic Components Datasheet Search
  English  ▼

X  

TL2285EE Datasheet(PDF) 1 Page - E-SWITCH

Part # TL2285EE
Description  E-SWITCH TL2285EE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL2285EE Datasheet(HTML) 1 Page - E-SWITCH

  TL2285EE Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL2285EE
3:1
2/1/2011
P010451
D
BGL
1
1
4
5
6
1
2
3
PCB LAYOUT
1
2
3
1
2
3
6
5
4
36
8.00
[.315 in]
o
4.00
[.157 in]
o
2.00
[.079 in]
3.00
[.118 in]
5.50
[.217 in]
8.00
[.315 in]
3.50
[.138 in]
2.50
[.098 in]
.60
[.024 in]
.30
[.012 in]
6.00
[.236 in]
NOTES:
1. ALL DIMENSIONS IN mm [INCHES]
2. GENERAL TOLERANCE: x.x= ±0.4
x.xx=±.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 0.1A; 30V
5. CONTACT RESISTANCE: 100 mILLI-OHMS MAX.
6. TIMING: NON-SHORTING
7. TRAVEL: FULL 2.5mm, LOCK 1.5mm
8. OPERATING FORCE:180 ± 50gf
9. ELECTRICAL LIFE: 10,000 CYCLES MAKE AND BREAK
CYCLES AT FULL LOAD
10.
DENOTE CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
CIRCUIT DIAGRAM
PUSH
5
46
2
3
1
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
3-1, 4-6
3-2, 4-5
n.80
[.031 in]
6.00
[.236 in]
2.50
[.098 in]
2.50
[.098 in]
17.00
[.669 in]
LOCKING RECESSED
LOCATION TO IDENTIFY
TREMINALS # 3, 6
C
19639
DRAWING UPDATE
2/1/11
BGL
D
19713
CORRECTED SWITCH FUNC. TERMINALS
2/24/11
BGL
D


Similar Part No. - TL2285EE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL2285OA E-SWITCH-TL2285OA Datasheet
70Kb / 1P
E-SWITCH TL2285OA
More results

Similar Description - TL2285EE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC52A30.001NPS E-SWITCH-KC52A30.001NPS Datasheet
272Kb / 1P
E-SWITCH KC52A30.001NPS
MS0850500F060S1A E-SWITCH-MS0850500F060S1A Datasheet
57Kb / 1P
E-SWITCH MS0850500F060S1A
MS0850504F020S1A E-SWITCH-MS0850504F020S1A Datasheet
59Kb / 1P
E-SWITCH MS0850504F020S1A
RC1083BBLKBLKGF0 E-SWITCH-RC1083BBLKBLKGF0 Datasheet
56Kb / 1P
E-SWITCH RC1083BBLKBLKGF0
RR111C1121 E-SWITCH-RR111C1121 Datasheet
76Kb / 1P
E-SWITCH RR111C1121
RR511D1121 E-SWITCH-RR511D1121 Datasheet
68Kb / 1P
E-SWITCH RR511D1121
RR812C1121 E-SWITCH-RR812C1121 Datasheet
81Kb / 1P
E-SWITCH RR812C1121
ST143D00 E-SWITCH-ST143D00 Datasheet
63Kb / 1P
E-SWITCH ST143D00
100SP1T1B1M2QEH E-SWITCH-100SP1T1B1M2QEH Datasheet
190Kb / 1P
E-SWITCH 100SP1T1B1M2QEH
100SP3T1B1M1REH E-SWITCH-100SP3T1B1M1REH Datasheet
119Kb / 1P
E-SWITCH 100SP3T1B1M1REH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com