Electronic Components Datasheet Search
  English  ▼

X  

TL431V Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TL431V
Description  Adjusttable Accurate Refence Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431V Datasheet(HTML) 1 Page - Micro Commercial Components

  TL431V Datasheet HTML 1Page - Micro Commercial Components TL431V Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TL431V
Adjusttable
Accurate Refence
Source

0,9:708
•
Output voltage can be adjusted to 36V
•
Trapping current capability is 1 to 100 mA
•
The effective temperature compensation in the working range of full
temperature
1. (A) ANODE
2. (R) REFERENCE
3. (K) CATHODE
1
2
3
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
•
Low dynamic output impendance,its typical value is 0.2
•
Low output noise voltage
•
Fast on-state response
è
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Parameter
Symbol
Value
Unit
Input Voltage
V1
37
V
Operating Temperature
OPR
0---70
:
Storage Temperature Range
TSTG
-55---+150
:
Parameter
Sym
Min
Typ
Max
Test conditions
Reference Input
Voltage
Vref
2.45V
2.50V
2.55V
VKA=VREF, IKA=10mA
Deviation of reference
input voltage
æVref/æT
4.5mV
17mV
VKA=VREF, IKA=10mA
Tmin
TaTmax
-1.0
-2.7
æ VKA=
10V
Vref
Ratio of Change in
Reference Input
Voltage to the Change
in Cathode Voltage
æVref/æ
VKA
-0.5
-2.0
æ VKA=
36V
10V
IKA=10mA
Reference Input
Current
Iref
1.5uA
4uA
IKA=10mA, R1=10K
R2=
Deviation of
Reference Input
Current Over Full
Temperature Range
æIref/ æT
0.4uA
1.2uA
IKA=10mA, R1=10K
è
R2=
TA=full Temperature
Minimum Cathode
Current for Regulation
IKA(min)
0.45mA
1.0mA
VKA=VREF
Off-State Cathode
Current
IKA(OFF)
0.05uA
1.0uA
VKA=36V, VREF=0V
Dynamic Impedance
ZKA
0.15
è
0.5
è
VKA=VREF, IKA=1 to
100mA, f
1.0KHz
T
Maximum Ratings
Electrical Characteristics @ 25 C Unless Otherwise Specified
www.mccsemi.com
1 of 2
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - TL431V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431V MCC-TL431V Datasheet
76Kb / 2P
Adjusttable Accurate Refence Source
More results

Similar Description - TL431V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431V MCC-TL431V Datasheet
76Kb / 2P
Adjusttable Accurate Refence Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com