Electronic Components Datasheet Search
  English  ▼

X  

TL431X Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TL431X
Description  Programmable Precision Shunt Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431X Datasheet(HTML) 1 Page - Micro Commercial Components

  TL431X Datasheet HTML 1Page - Micro Commercial Components TL431X Datasheet HTML 2Page - Micro Commercial Components TL431X Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TL431X
Programmable
Precision Shunt
Regulator

0,9:708
•
Output voltage can be adjusted to 36V
•
Trapping current capability is 1 to 100 mA
•
The effective temperature compensation in the working range of full
temperature
0D[LPXP 5DWLQJV# 7457 $SSOLHV 8QOHVV 2WKHUZLVH 1RWHG
Parameter
Symbol
Value
Unit
Input Voltage (Vo=5.8V)
V1
37
V
Operating Junction Temperature
TOPR
0---70
:
Storage Temperature Range
TSTG
-55---+150
:
(OHFWULFDO &KDUDFWHULVWLFV# °& 8QOHVV 2WKHUZLVH 6SHFLILHG
Parameter
Sym
Min
Typ
Max
Test conditions
Reference Input
Voltage
Vref
2.44V
0V
2.49V
5V
2.55V
0V
VKA=VREF, IKA=10mA
Deviation of reference
input voltage
æVref/æT
4.5mV
17mV
VKA=VREF, IKA=10mA
Tmin
TaTmax
-1.0
-2.7
æ VKA=
10V
Vref
Ratio of Change in
Reference Input
Voltage to the Change
in Cathode Voltage
æVref/æ
VKA
-0.5
-2.0
æ VKA=
36V
10V
IKA=10mA
Reference Input
Current
Iref
1.5uA
4uA
IKA=10mA, R1=10K
R2=
Deviation of
Reference Input
Current Over Full
Temperature Range
æIref/ æT
0.4uA
1.2uA
IKA=10mA, R1=10K
è
R2=
TA=full Temperature
Minimum Cathode
Current for Regulation
IKA(min)
0.45m
A
1.0mA
VKA=VREF
Off-State Cathode
Current
IKA(OFF)
0.05uA
1.0uA
VKA=36V, VREF=0V
Dynamic Impedance
ZKA
0.15
è
0.5
è
VKA=VREF, IKA=1 to
100mA, f
1.0KHz
*Note: Bypass Capacitors are recommended for optimum stability and
transient response and should be located as close as possible to
the regulators
www.mccsemi.com
SOT-89
3. CATHODE
2. ANODE
1. REFERENCE
Revision: A
2011/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.


123




























































1 of 3
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - TL431X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
Programmable Precision Shunt Regulator
logo
Cystech Electonics Corp...
TL431XA3 CYSTEKEC-TL431XA3 Datasheet
170Kb / 6P
Adjustable Precision Shunt Regulators
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
TL431XN3 CYSTEKEC-TL431XN3 Datasheet
157Kb / 5P
Adjustable Precision Shunt Regulators
More results

Similar Description - TL431X

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
Programmable Precision Shunt Regulator
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com