Electronic Components Datasheet Search
  English  ▼

X  

UMD2N Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UMD2N
Description  Digital Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UMD2N Datasheet(HTML) 1 Page - Micro Commercial Components

  UMD2N Datasheet HTML 1Page - Micro Commercial Components UMD2N Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UMD2N
Digital Transistors
•
Both the DTA124E chip and DTC124E chip in a package
•
Mounting possible with SOT-363 automatic mounting machines.
•
Transistor elements are independent, eliminating interference.
Absolute maximum ratings @ 25
Symbol
Parameter
Value
Unit
VCC
Supply voltage
50
V
VIN
Input voltage
-10~40
V
IO
Output current
30
mA
IC(MAX)
Collector Current
Pd
Power dissipation
150
mW
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Electrical Characteristics @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VI(off)
---
---
0.5
V
VI(on)
Input voltage (VCC=5V, IO=100
µA)
(VO=0.2V, IO=5mA)
3.0
---
---
V
VO(on)
Output voltage (IO/II=10mA/0.5mA)
---
0.1
0.3
V
II
Input current (VI=5V)
---
---
0.36
mA
IO(off)
Output current (VCC=50V, VI=0)
---
---
0.5
µA
GI
DC current gain (VO=5V, IO=5mA)
56
---
---
R1
Input resistance
15.4
22
28.6
K
Ω
R2/R1
Resistance ratio
0.8
1.0
1.2
fT
Transition frequency
(VCE=10V, IE=5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Equivalent circuit
Marking :D2
J
M
A
C
B
G
H
K
D
L
DIMENSIONS
SOT-363
Revision: A
2011/04/08
www.mccsemi.com
1 of 2
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
Features
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
INCHES
100
mA


Similar Part No. - UMD2N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD2N ROHM-UMD2N Datasheet
83Kb / 4P
General purpose (dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMD2N SECOS-UMD2N Datasheet
456Kb / 3P
NPN-PNP built-in re sistors Multi-Chip Digital Transistor
logo
Rohm
UMD2N ROHM-UMD2N Datasheet
104Kb / 4P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMD2N HTSEMI-UMD2N Datasheet
246Kb / 1P
General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
Dual Digital Transistors
More results

Similar Description - UMD2N

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
Digital Transistors
UMH1N MCC-UMH1N Datasheet
191Kb / 3P
Digital Transistors
DTC113ZCA MCC-DTC113ZCA_11 Datasheet
391Kb / 3P
Digital Transistors
DTC143ZCA MCC-DTC143ZCA_11 Datasheet
210Kb / 2P
Digital Transistors
logo
Unisonic Technologies
DTA123E UTC-DTA123E_11 Datasheet
198Kb / 3P
DIGITAL TRANSISTORS
DTA123J UTC-DTA123J_11 Datasheet
125Kb / 2P
DIGITAL TRANSISTORS
DTA144E UTC-DTA144E_11 Datasheet
174Kb / 3P
DIGITAL TRANSISTORS
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
Digital Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com